Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF300DU120 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF300DU120
Description  Dual common source NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF300DU120 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF300DU120 Datasheet HTML 1Page - Advanced Power Technology APTGF300DU120 Datasheet HTML 2Page - Advanced Power Technology APTGF300DU120 Datasheet HTML 3Page - Advanced Power Technology APTGF300DU120 Datasheet HTML 4Page - Advanced Power Technology APTGF300DU120 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGF300DU120
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
Tc = 25°C
400
IC
Continuous Collector Current
Tc = 80°C
300
ICM
Pulsed Collector Current
Tc = 25°C
800
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
2080
W
RBSOA Reverse Bias Safe Operating Area
Tj = 150°C
600A @ 1200V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
C2
C1
E
E1
G1
G2
E2
VCES = 1200V
IC = 300A @ Tc = 80°C
Application
AC Switches
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
Non Punch Through (NPT) FAST IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Dual common source
NPT IGBT Power Module


Similar Part No. - APTGF300DU120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G Datasheet
244Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF300DU120G MICROSEMI-APTGF300DU120G Datasheet
153Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF300DU120G MICROSEMI-APTGF300DU120G_07 Datasheet
153Kb / 5P
   Dual Common Source NPT IGBT Power Module
More results

Similar Description - APTGF300DU120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G Datasheet
244Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF180DU60TG MICROSEMI-APTGF180DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150DU120T ADPOW-APTGF150DU120T Datasheet
277Kb / 5P
   Dual common source NPT IGBT Power Module
APTGF350DU60 ADPOW-APTGF350DU60 Datasheet
289Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF90DU60T ADPOW-APTGF90DU60T Datasheet
297Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF100DU120T ADPOW-APTGF100DU120T Datasheet
301Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DU60TG MICROSEMI-APTGF90DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF350DU60G MICROSEMI-APTGF350DU60G Datasheet
274Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF180DU60T ADPOW-APTGF180DU60T Datasheet
303Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G_07 Datasheet
153Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF50DU120TG MICROSEMI-APTGF50DU120TG Datasheet
287Kb / 6P
   Dual common source NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com