Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD43NP-2R7MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CD43NP-2R7MC
Description  CD43
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43NP-2R7MC Datasheet(HTML) 4 Page - Sumida Corporation

  CD43NP-2R7MC Datasheet HTML 1Page - Sumida Corporation CD43NP-2R7MC Datasheet HTML 2Page - Sumida Corporation CD43NP-2R7MC Datasheet HTML 3Page - Sumida Corporation CD43NP-2R7MC Datasheet HTML 4Page - Sumida Corporation CD43NP-2R7MC Datasheet HTML 5Page - Sumida Corporation CD43NP-2R7MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPECIFICATION
TYPE
CD43
1.APPEARANCE
1-1.DIMENSIONS(mm)
* DIMENSIONS WITHOUT TOLERANCE ARE APPROX.
1-2.STAMP (E.G.)
1-3.RECOMMENDED LAND PATTERNS DIMENSIONS(mm)
PLEASE COAT WITH SILK SCREEN BETWEEN THE TWO ELECTRODES.
2.COIL SPECIFICATION
2-1.CONNECTION (BOTTOM VIEW)
(1.0μH ~ 8.2μH)
(10μH ~ 68μH)
UNFIXED THE POSITION
DIRECTLY STAMP
DATE CODE
1R
0
PART OF ELECTRODE
PART OF SILK
R1.0
4.5
4.0±0.3
4.0
3.2±0.3
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - CD43NP-2R7MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD43NP-2R7MC SUMIDA-CD43NP-2R7MC Datasheet
407Kb / 5P
   SMD Power Inductor
More results

Similar Description - CD43NP-2R7MC

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CD43 AITCOMPONENTS-CD43 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com