Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP134-1R2NC-H Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP134-1R2NC-H
Description  POWER INDUCTORS Type>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134-1R2NC-H Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP134-1R2NC-H Datasheet HTML 1Page - Sumida Corporation CDEP134-1R2NC-H Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
/ その他
/ インダクタンス公差
/ インダクタンス測定周波数(L)
*IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値とする。(Ta=20℃)
*B 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの75%以上となる電流値とする。(Ta=20℃)
/ 品名表記法
POWER INDUCTORS
<SMD Type>
TYPE : CDEP145 (Standard Type), CDEP145 (High Power Type)
Parts No.
L (H)
CDEP145 (Standard Type)
CDEP145 (High Power Type)
0R5
0R6
1R2
1R5
2R2
2R7
3R5
4R2
5R0
6R1
0.56
µ
0.68
µ
1.2
µ
1.5
µ
2.2
µ
2.7
µ
3.5
µ
4.2
µ
5.0
µ
6.1
µ
30.0
19.8
15.2
12.3
10.4
25.6
17.0
13.0
10.6
8.8
23.0
19.5
15.0
12.0
9.5
1.7m( 1.4m)
3.0m( 2.5m)
4.6m( 3.8m)
7.4m( 6.2m)
10.8m( 9.0m)
D.C.R.(
Ω) : Max.(Typ.)
Saturation Rated
Current (A) *B
20
°c
100
°c
Temperature Rise
Current (Typ.) (A) *IV
36.0
25.0
19.2
15.4
13.1
31.2
20.8
16.0
13.0
10.8
23.0
19.5
15.0
12.0
9.5
1.7m( 1.4m)
3.0m( 2.5m)
4.6m( 3.8m)
7.4m( 6.2m)
10.8m( 9.0m)
D.C.R.(
Ω) : Max.(Typ.)
Saturation Rated
Current (A) *B
20
°c
100
°c
Temperature Rise
Current (Typ.) (A) *IV
Measuring Freq. (L)
Tolerance of Inductance
Other
CDEP145(S)
CDEP145(H)
CDEP145(S)
CDEP145(H)
100kHz
100kHz
0.68
µH – 6.1µH ± 20% (M)
0.56
µH – 5.0µH ± 20% (M)
*IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes
∆T=40 °C. (Ta=20 °C)
*B Saturation Rated Current : The current when the inductance becomes 25% lower than its nominal value.(Ta=20 °C)
Ordering Code
CDEP145 -
-
: Parts No.
: Tolerance of inductance
M (20%)
N (30%)
: Packing
C (Carrier tape)
B (Box)
:
Nothing (Standard type)
H
(High power type)
/ その他
/ インダクタンス公差
/ インダクタンス測定周波数(L)
*IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値とする。(Ta=20℃)
*E 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの65%以上(インダクタンスの交差が±30%時)、又は75%以上(インダクタンスの交差が±20%時)となる電流値とする。(Ta=20℃)
/ 品名表記法
TYPE : CDEP134 (Standard Type), CDEP134 (High Power Type)
Parts No.
L (H)
CDEP134 (Standard Type)
CDEP134 (High Power Type)
0R3
0R4
0R6
0R9
1R2
1R6
1R8
2R5
2R7
3R6
4R8
6R0
6R4
8R0
0.3
µ
0.4
µ
0.66
µ
0.9
µ
1.2
µ
1.6
µ
1.8
µ
2.5
µ
2.7
µ
3.6
µ
4.8
µ
6.0
µ
6.4
µ
8.0
µ
32.0
21.6
16.0
12.8
10.9
9.3
8.0
7.2
27.0
18.4
13.8
11.0
9.1
8.0
6.8
6.1
18.5
17.0
15.0
10.5
8.0
7.5
7.0
6.5
1.9m( 1.6m)
2.5m( 2.1m)
3.7m( 3.1m)
6.6m( 5.5m)
10.8m( 9.0m)
12.0m(10.0m)
16.3m(13.6m)
18.4m(15.3m)
D.C.R.(
Ω) : Max.(Typ.)
Saturation Rated
Current (A) *E
20
°c
100
°c
Temperature Rise
Current (Typ.) (A) *IV
35.0
29.6
21.0
17.6
14.7
12.5
11.0
9.6
32.0
24.0
17.6
14.4
12.0
10.2
9.0
8.0
18.5
17.0
15.0
10.5
8.0
7.5
7.0
6.5
1.9m( 1.6m)
2.5m( 2.1m)
3.7m( 3.1m)
6.6m( 5.5m)
10.8m( 9.0m)
12.0m(10.0m)
16.3m(13.6m)
18.4m(15.3m)
D.C.R.(
Ω) : Max.(Typ.)
Saturation Rated
Current (A) *E
20
°c
100
°c
Temperature Rise
Current (Typ.) (A) *IV
Measuring Freq. (L)
Tolerance of Inductance
Other
CDEP134(S)
CDEP134(H)
CDEP134(S)
CDEP134(H)
100kHz
100kHz
0.4
µH ± 30% (N), 0.9µH – 8.0µH ± 20% (M)
0.3
µH – 0.66µH ± 30% (N), 1.2µH – 6.0µH ± 20% (M)
*IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes
∆T=40 °C. (Ta=20 °C)
*E Saturation Rated Current : The current either the inductance value becomes 35% (tolerance
± 30%) lower than its nominal value or becomes 25% (tolerance ± 20%) lower than its nominal
value.(Ta=20 °C)
Ordering Code
CDEP134 -
-
: Parts No.
: Tolerance of inductance
M (20%)
N (30%)
: Packing
C (Carrier tape)
B (Box)
:
Nothing (Standard type)
H
(High power type)
/ 無鉛製品について
About Lead-free products
・Lead-free products are now available for sale
・To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g. lead product: Type name-
△△△○×
lead-free product: Type name NP
△△△○×
/ 無鉛製品について
About Lead-free products
・Lead-free products are now available for sale
・To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g. lead product: Type name-
△△△○×
lead-free product: Type name NP
△△△○×


Similar Part No. - CDEP134-1R2NC-H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP134-1R2NC-H SUMIDA-CDEP134-1R2NC-H Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

Similar Description - CDEP134-1R2NC-H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com