Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP134CNP-3R6MC-75 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP134CNP-3R6MC-75
Description  CDEP134C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134CNP-3R6MC-75 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP134CNP-3R6MC-75 Datasheet HTML 1Page - Sumida Corporation CDEP134CNP-3R6MC-75 Datasheet HTML 2Page - Sumida Corporation CDEP134CNP-3R6MC-75 Datasheet HTML 3Page - Sumida Corporation CDEP134CNP-3R6MC-75 Datasheet HTML 4Page - Sumida Corporation CDEP134CNP-3R6MC-75 Datasheet HTML 5Page - Sumida Corporation CDEP134CNP-3R6MC-75 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS-HIGH POWER TYPE (IN THE CASE OF REEL)
THE SATURATION
CURRENT(A)※3
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)
[MAX.]※2
(at 20℃)
(at 20℃) (at100℃)
TEMPERATURE
RISE
(A)
※4
△T=40℃
SUMIDA
CODE
17
CDEP134CNP-ØR3NC-75
0R3NH
0.3μH±30%
1.9(1.6)
35.0
32.0
18.5
-0017
18
CDEP134CNP-ØR6NC-75
0R6NH 0.66μH±30%
2.5(2.1)
29.6
24.0
17.0
-0018
19
CDEP134CNP-1R2MC-75
1R2MH
1.2μH±20%
3.7(3.1)
21.0
17.6
15.0
-0019
20
CDEP134CNP-1R8MC-75
1R8MH
1.8μH±20%
6.6(5.5)
17.6
14.4
10.5
-0020
21
CDEP134CNP-2R7MC-75
2R7MH
2.7μH±20%
10.8(9.0)
14.7
12.0
8.0
-0021
22
CDEP134CNP-3R6MC-75
3R6MH
3.6μH±20%
12.0(10.0)
12.5
10.2
7.5
-0022
23
CDEP134CNP-4R8MC-75
4R8MH
4.8μH±20%
16.3(13.6)
11.0
9.0
7.0
-0023
24
CDEP134CNP-6RØMC-75
6R0MH
6.0μH±20%
18.4(15.3)
9.6
8.0
6.5
-0024
ELECTRICAL CHARACTERISTICS-HIGH POWER TYPE (IN THE CASE OF BOX)
THE SATURATION
CURRENT(A)※3
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)
[MAX.]※2
(at 20℃)
(at 20℃) (at100℃)
TEMPERATURE
RISE
(A)
※4
△T=40℃
SUMIDA
CODE
25
CDEP134CNP-ØR3NB-75
0R3NH
0.3μH±30%
1.9(1.6)
35.0
32.0
18.5
-0025
26
CDEP134CNP-ØR6NB-75
0R6NH
0.66μH±30%
2.5(2.1)
29.6
24.0
17.0
-0026
27
CDEP134CNP-1R2MB-75
1R2MH
1.2μH±20%
3.7(3.1)
21.0
17.6
15.0
-0027
28
CDEP134CNP-1R8MB-75
1R8MH
1.8μH±20%
6.6(5.5)
17.6
14.4
10.5
-0028
29
CDEP134CNP-2R7MB-75
2R7MH
2.7μH±20%
10.8(9.0)
14.7
12.0
8.0
-0029
30
CDEP134CNP-3R6MB-75
3R6MH
3.6μH±20%
12.0(10.0)
12.5
10.2
7.5
-0030
31
CDEP134CNP-4R8MB-75
4R8MH
4.8μH±20%
16.3(13.6)
11.0
9.0
7.0
-0031
32
CDEP134CNP-6RØMB-75
6R0MH
6.0μH±20%
18.4(15.3)
9.6
8.0
6.5
-0032
※1 MEASURING FREQUENCY
INDUCTANCE
at
100kHz, 1V
※2 (
)TYPICAL VALUE.
※3 THE SATURATION CURRENT: THIS INDICATES THE VALUE OF D.C. CURRENT WHEN THE INDUCTANCE
CREASES DECREASES TO 65% (WHILE THE TOLERANCE IS ±30%) OR 75% (WHILE THE TOLERANCE
IS ±20%) OF IT'S NOMINAL
※4 THE TEMPERATURE RISE: THE VALUE OF D.C.CURRENT WHEN THE TEMPERATURE RISE IS △t=40℃(Ta=20℃).
3.STORAGE TEMPERATURE RANGE
: −40℃ ∼+125℃
OPERATING TEMPERATURE RANGE:
−40℃ ∼+125℃ (INCLUDING SELF TEMPERATURE RISE)


Similar Part No. - CDEP134CNP-3R6MC-75

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP134C SUMIDA-CDEP134C Datasheet
181Kb / 3P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com