Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD43NP-390KB Datasheet(PDF) 6 Page - Sumida Corporation

Part # CD43NP-390KB
Description  CD43
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43NP-390KB Datasheet(HTML) 6 Page - Sumida Corporation

  CD43NP-390KB Datasheet HTML 1Page - Sumida Corporation CD43NP-390KB Datasheet HTML 2Page - Sumida Corporation CD43NP-390KB Datasheet HTML 3Page - Sumida Corporation CD43NP-390KB Datasheet HTML 4Page - Sumida Corporation CD43NP-390KB Datasheet HTML 5Page - Sumida Corporation CD43NP-390KB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION
TYPE
CD43
2-3.ELECTRICAL CHARACTERISTICS Ⅱ (IN THE CASE OF BOX)
NO.
PART NAME
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)
[MAX.]
(at 20℃)
RATED
CURRENT
(A)
※2
S.R.F.
(MHz)
[TYP.]
SUMIDA
CODE
23
CD43NP-1R
ØMB
1R0
1.0μH±20%
48.7
2.70
113.8
-0313
24
CD43NP-1R4MB
1R4
1.4μH±20%
56.2
2.50
101.0
-0314
25
CD43NP-1R8MB
1R8
1.8μH±20%
63.7
2.33
92.0
-0315
26
CD43NP-2R2MB
2R2
2.2μH±20%
71.2
2.25
76.3
-0317
27
CD43NP-2R7MB
2R7
2.7μH±20%
78.7
2.16
66.6
-0318
28
CD43NP-3R3MB
3R3
3.3μH±20%
86.2
2.00
63.8
-0319
29
CD43NP-3R9MB
3R9
3.9μH±20%
93.7
1.84
53.8
-0320
30
CD43NP-4R7MB
4R7
4.7μH±20%
108.7
1.62
49.5
-0321
31
CD43NP-5R6MB
5R6
5.6μH±20%
125.7
1.48
43.2
-0322
32
CD43NP-6R8MB
6R8
6.8μH±20%
131.2
1.43
41.4
-0323
33
CD43NP-8R2MB
8R2
8.2μH±20%
146.2
1.37
35.8
-0324
34
CD43NP-1
ØØMB
100
10μH±20%
182
1.04
35.8
-0325
35
CD43NP-12
ØMB
120
12μH±20%
210
0.97
32.4
-0326
36
CD43NP-15
ØMB
150
15μH±20%
235
0.85
29.3
-0328
37
CD43NP-18
ØMB
180
18μH±20%
338
0.74
27.5
-0329
38
CD43NP-22
ØMB
220
22μH±20%
378
0.68
24.7
-0330
39
CD43NP-27
ØMB
270
27μH±20%
522
0.62
21.7
-0331
40
CD43NP-33
ØKB
330
33μH±10%
540
0.56
19.6
-0332
41
CD43NP-39
ØKB
390
39μH±10%
587
0.52
18.0
-0333
42
CD43NP-47
ØKB
470
47μH±10%
844
0.44
15.6
-0334
43
CD43NP-56
ØKB
560
56μH±10%
937
0.42
14.8
-0335
44
CD43NP-68
ØKB
680
68μH±10%
1117
0.37
13.2
-0336
※1:MEASURED FREQUENCY
1.0μH ~ 8.2μH;
at 7.96 MHz
10μH ~ 68μH
at 2.52 MHz
※2:THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)
3.STORAGE TEMPERATURE RANGE
:
−40℃∼+100℃
OPERATING TEMPERATURE RANGE:
−40℃∼+100℃(INCLUDING COIL'S SELF TEMPERATURE RISE)


Similar Part No. - CD43NP-390KB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD43NP-390KC SUMIDA-CD43NP-390KC Datasheet
407Kb / 5P
   SMD Power Inductor
More results

Similar Description - CD43NP-390KB

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CD43 AITCOMPONENTS-CD43 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com