Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD2182B Datasheet(PDF) 2 Page - Sensitron

Part # SHD2182B
Description  POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD2182B Datasheet(HTML) 2 Page - Sensitron

  SHD2182B Datasheet HTML 1Page - Sensitron SHD2182B Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPE
NUMBER
SOURCE
BREAKDOWN
VOLTAGE
V(BR)DSS
DRAIN
CURRENT
ID
Amps
POWER
DISSIPATION
PD
Watts
DRAIN TO
SOURCE ON
RESISTANCE
RDS(on)
THERMAL
RESISTANCE
RθJC
PART TYPE
PKG.
STYLE
Volts
25
°C
100
°C25°C
Ohms
Amps
°C/W
SHD2189
-100
-18
-11
125
.20
-11
1.0
IRF9140
SHD21810
-200
-11
-7
125
.50
-7
1.0
IRF9240
SHD-5
SHD2189A
-100
-18
-11
125
.20
-11
1.0
IRF9140
SHD21810A
-200
-11
-7
125
.50
-7
1.0
IRF9240
SHD-5A
SHD2189B
-100
-18
-11
125
.20
-11
1.0
IRF9140
SHD21810B
-200
-11
-7
125
.50
-7
1.0
IRF9240
SHD-5B
Notes:
-All ratings are at TC = 25°C unless otherwise specified.
-Maximum operating and storage temperature -55
°C to +150°C.
PINOUTS
DEVICE TYPE
PIN 1
PIN 2
PIN 3
MOSFET - SHD-5, SHD-5A, SHD-5B,
LCC-3P, SHD-6
DRAIN
SOURCE
GATE
Note: Ceramic seals and GlidCop
â
â
â
â leads available.


Similar Part No. - SHD2182B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD218409 SENSITRON-SHD218409 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET P-CHANNEL
SHD218409A SENSITRON-SHD218409A Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET P-CHANNEL
SHD218409B SENSITRON-SHD218409B Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET P-CHANNEL
SHD218414 SENSITRON-SHD218414 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218414A SENSITRON-SHD218414A Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
More results

Similar Description - SHD2182B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
   Power MOSFETS
logo
IXYS Corporation
IXFT16N120P IXYS-IXFT16N120P_V01 Datasheet
135Kb / 6P
   Power MOSFETs
IXFT6N100F IXYS-IXFT6N100F Datasheet
820Kb / 4P
   Power MOSFETs
IXFV52N30P IXYS-IXFV52N30P_V01 Datasheet
195Kb / 6P
   Power MOSFETs
logo
Vishay Siliconix
SIHF9630 VISHAY-SIHF9630_V01 Datasheet
153Kb / 9P
   Power MOSFETS
02-Oct-12
logo
List of Unclassifed Man...
SMOS21N50 ETC-SMOS21N50 Datasheet
141Kb / 2P
   Power MOSFETs
logo
Sirectifier Semiconduct...
SMOS21N50 SIRECTIFIER-SMOS21N50 Datasheet
143Kb / 2P
   Power MOSFETs
logo
IXYS Corporation
IXFK33N50 IXYS-IXFK33N50_V01 Datasheet
202Kb / 3P
   Power MOSFETs
logo
Vishay Siliconix
SIHFBC30AL VISHAY-SIHFBC30AL_V01 Datasheet
274Kb / 12P
   Power MOSFETs
09-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com