Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM20DUM04 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTM20DUM04
Description  Dual common source MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20DUM04 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTM20DUM04 Datasheet HTML 1Page - Advanced Power Technology APTM20DUM04 Datasheet HTML 2Page - Advanced Power Technology APTM20DUM04 Datasheet HTML 3Page - Advanced Power Technology APTM20DUM04 Datasheet HTML 4Page - Advanced Power Technology APTM20DUM04 Datasheet HTML 5Page - Advanced Power Technology APTM20DUM04 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM20DUM04
APT website – http://www.advancedpower.com
3 – 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case
0.1
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
Package outline


Similar Part No. - APTM20DUM04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
   Dual common source MOSFET Power Module
More results

Similar Description - APTM20DUM04

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DUM05 ADPOW-APTM20DUM05 Datasheet
289Kb / 6P
   Dual common source MOSFET Power Module
APTM10DUM02 ADPOW-APTM10DUM02 Datasheet
297Kb / 6P
   Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM10DUM02G MICROSEMI-APTM10DUM02G Datasheet
274Kb / 6P
   Dual Common Source MOSFET Power Module
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
   Dual common source MOSFET Power Module
APTM50DUM19G MICROSEMI-APTM50DUM19G Datasheet
281Kb / 6P
   Dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DUM10T ADPOW-APTM20DUM10T Datasheet
303Kb / 6P
   Dual common source MOSFET Power Module
APTM120DU29T ADPOW-APTM120DU29T Datasheet
313Kb / 6P
   Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
   Dual common source MOSFET Power Module
APTM120DU15G MICROSEMI-APTM120DU15G Datasheet
279Kb / 7P
   Dual common source MOSFET Power Module
APTM50DUM38TG MICROSEMI-APTM50DUM38TG Datasheet
293Kb / 6P
   Dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM50DUM35T ADPOW-APTM50DUM35T Datasheet
296Kb / 6P
   Dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com