Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104NP-330MB Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH104NP-330MB
Description  CDRH104
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104NP-330MB Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH104NP-330MB Datasheet HTML 1Page - Sumida Corporation CDRH104NP-330MB Datasheet HTML 2Page - Sumida Corporation CDRH104NP-330MB Datasheet HTML 3Page - Sumida Corporation CDRH104NP-330MB Datasheet HTML 4Page - Sumida Corporation CDRH104NP-330MB Datasheet HTML 5Page - Sumida Corporation CDRH104NP-330MB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
仕 様 書
CDRH104
1.外形
1-1.寸法図(mm)
* 公差のない寸法は参考値とする。
1-2.捺印表示例
1-3.推奨ランド寸法(mm)
* 電極(端子)間の隙間はシルク処理をして御使用下さい。
2.COIL仕様
2-1.端子接続図(裏面図)
10μH∼39μH
47μH∼470μH
電極部
8.9±0.3
2.0±0.2
MAX.5.0
0.2
頭部直捺印
捺印位置不定
製造密番
100
CDRH104の外形図とする。
シルク処理部
2.4
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS


Similar Part No. - CDRH104NP-330MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104NP-330MB SUMIDA-CDRH104NP-330MB Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com