Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH104RNP-100NB Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH104RNP-100NB
Description  POWER INDUCTORS (SMD Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104RNP-100NB Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH104RNP-100NB Datasheet HTML 1Page - Sumida Corporation CDRH104RNP-100NB Datasheet HTML 2Page - Sumida Corporation CDRH104RNP-100NB Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH104R , CDRH104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
◆ Specification(CDRH104R)
※ Description of part name
CDRH1Ø4RNP-1R5N□
※ 1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value.
※ 2. Temperature rise current: The DC current at which the temperature rise is △t=30℃.(Ta=20℃).
Part Name
Stamp
Inductance
[Within]
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Saturation
Current
(A)※1-2
Temperature
Rise current
(A) ※2
CDRH1Ø4RNP-1R5N□
1R5
1.5μH ± 30%
8.1m (6.0m)
10.0
6.50
CDRH1Ø4RNP-2R5N□
2R5
2.5μH ± 30%
10.5m (7.8m)
7.50
6.10
CDRH1Ø4RNP-3R8N□
3R8
3.8μH ± 30%
13.0m (9.6m)
6.00
5.50
CDRH1Ø4RNP-5R2N□
5R2
5.2μH ± 30%
22m (16m)
5.50
5.40
CDRH1Ø4RNP-7RØN□
7R0
7.0μH ± 30%
27m (20m)
4.80
4.50
CDRH1Ø4RNP-1ØØN□
100
10μH ± 30%
35m (26m)
4.40
3.80
CDRH1Ø4RNP-12ØN□
120
12μH ± 30%
46m (34m)
3.70
3.40
CDRH1Ø4RNP-15ØN□
150
15μH ± 30%
50m (37m)
3.60
3.10
CDRH1Ø4RNP-18ØN□
180
18μH ± 30%
69m (51m)
3.10
2.60
CDRH1Ø4RNP-22ØN□
220
22μH ± 30%
73m (54m)
2.90
2.50
CDRH1Ø4RNP-27ØN□
270
27μH ± 30%
88m (65m)
2.60
2.30
CDRH1Ø4RNP-33ØN□
330
33μH ± 30%
93m (69m)
2.30
2.20
CDRH1Ø4RNP-39ØN□
390
39μH ± 30%
127m (94m)
2.20
2.00
CDRH1Ø4RNP-47ØN□
470
47μH ± 30%
128m (95m)
2.10
1.90
CDRH1Ø4RNP-56ØN□
560
56μH ± 30%
188m (139m)
1.65
1.50
CDRH1Ø4RNP-68ØN□
680
68μH ± 30%
213m (158m)
1.50
1.42
CDRH1Ø4RNP-82ØN□
820
82μH ± 30%
283m(218m)
1.45
1.30
CDRH1Ø4RNP-1Ø1N□
101
100μH ± 30%
304m (225m)
1.35
1.25
CDRH1Ø4RNP-121N□
121
120μH ± 30%
375m (278m)
1.20
1.08
CDRH1Ø4RNP-151N□
151
150μH ± 30%
506m (375m)
1.15
0.85
CDRH1Ø4RNP-181N□
181
180μH ± 30%
568m (421m)
1.00
0.75
CDRH1Ø4RNP-221N□
221
220μH ± 30%
756m (560m)
0.92
0.70
CDRH1Ø4RNP-271N□
271
270μH ± 30%
853m (632m)
0.84
0.55
CDRH1Ø4RNP-331N□
331
330μH ± 30%
1.09 (810m)
0.70
0.52
B
Box
C
Carrier Tape


Similar Part No. - CDRH104RNP-100NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH104RNP-100NC SUMIDA-CDRH104RNP-100NC Datasheet
284Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH104RNP-100NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com