Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF475LF Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF475LF
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF475LF Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF475LF Datasheet HTML 1Page - Advanced Power Technology ARF475LF Datasheet HTML 2Page - Advanced Power Technology ARF475LF Datasheet HTML 3Page - Advanced Power Technology ARF475LF Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 5b, TRANSIENT THERMAL IMPEDANCE MODEL
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
FIGURE 5a, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
0.05
D = 0.9
ARF475FL
Table 1 - Typical Series Equivalent Large Signal Input - Output Impedance
Freq. (MHz)
Zin (Ω) gate to gate
Z
OL (Ω) drain - drain
30
60
90
120
150
5.2 -j10
1.37 -j5.2
.53 -j2.6
.25 -j1.0
.25 +j0.2
41 -j20
26 -j25
16 -j23
10 -j20
6.7 -j17
Zin - Gate -gate shunted with 25IDQ = 15mA each side
Z
OL -
Conjugate of optimum load for 600 Watts peak output at Vdd = 150V
25% duty cycle and PW = 5ms
0.142
0.169
0.00719
0.0856
Power
(watts)
RC MODEL
Junction
temp. (
°C)
Case temperature. (
°C)


Similar Part No. - ARF475LF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF475FL MICROSEMI-ARF475FL Datasheet
485Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL Datasheet
144Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL_10 Datasheet
144Kb / 4P
   RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
More results

Similar Description - ARF475LF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
   N-Channel Enhancement Mode Power MOSFETs
logo
Advanced Power Technolo...
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF465A ADPOW-ARF465A Datasheet
66Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF466A ADPOW-ARF466A Datasheet
163Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Silicon Standard Corp.
SSM9926GEO SSC-SSM9926GEO Datasheet
154Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Advanced Power Technolo...
ARF473 ADPOW-ARF473 Datasheet
124Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF520 ADPOW-ARF520 Datasheet
74Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF463AP1 ADPOW-ARF463AP1 Datasheet
187Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com