Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF520 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF520
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF520 Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF520 Datasheet HTML 1Page - Advanced Power Technology ARF520 Datasheet HTML 2Page - Advanced Power Technology ARF520 Datasheet HTML 3Page - Advanced Power Technology ARF520 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF520
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
Figure 7, Maximum Effective Transient Thermal Impedance, Junction-to-Case vs. Pulse Duration
0.70
0.10
0.05
0.01
0.005
0.001
0.1
0.02
0.05
0.2
D=0.5
0.01
SINGLE PULSE
TC, CASE TEMPERATURE (°C)
Figure 5, Typical Threshold Voltage vs Temperature
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Output Characteristics
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
5.5V
4.5V
4V
5V
VGS=15 & 10V
6V
8V
25
20
15
10
5
0
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Zin (Ω)
Z
OL (Ω)
2.0
13.5
27
40
65
80
100
24 - j 4.5
8.3 - j 11.6
2.5 - j 7.1
1.0 - j 4.2
.30 - j 1.1
.25 + j 0.3
.35 + j 1.6
55 - j 4
45 - j 22
28.7 - j 28
17.9 - j 26
9.0 - j 20.6
5.8 - j 17
4 - j 14.2
Zin - Gate shunted with 25Ω
Z
OL -
Conjugate of optimum load for 150 Watts output at Vdd = 125V
Idq = 50mA


Similar Part No. - ARF520

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Microsemi Corporation
ARF521 MICROSEMI-ARF521 Datasheet
134Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Power Semiconductors
ARF526 POSEICO-ARF526 Datasheet
36Kb / 3P
   FAST RECOVERY DIODE
ARF526S16 POSEICO-ARF526S16 Datasheet
36Kb / 3P
   FAST RECOVERY DIODE
More results

Similar Description - ARF520

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
   N-Channel Enhancement Mode Power MOSFETs
logo
Advanced Power Technolo...
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF465A ADPOW-ARF465A Datasheet
66Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF466A ADPOW-ARF466A Datasheet
163Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Silicon Standard Corp.
SSM9926GEO SSC-SSM9926GEO Datasheet
154Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Advanced Power Technolo...
ARF473 ADPOW-ARF473 Datasheet
124Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF463AP1 ADPOW-ARF463AP1 Datasheet
187Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF475LF ADPOW-ARF475LF Datasheet
95Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com