Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAW420 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # SMAW420
Description  4.20mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

SMAW420 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  SMAW420 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SMAW420

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
SMAW200 YEONHO-SMAW200 Datasheet
260Kb / 1P
   2.00mm PITCH CONNECTOR
SMAW200-10C YEONHO-SMAW200-10C Datasheet
283Kb / 1P
   2.00mm PITCH CONNECTOR
SMAW200-12C YEONHO-SMAW200-12C Datasheet
283Kb / 1P
   2.00mm PITCH CONNECTOR
SMAW200-14C YEONHO-SMAW200-14C Datasheet
283Kb / 1P
   2.00mm PITCH CONNECTOR
SMAW200-14D YEONHO-SMAW200-14D Datasheet
252Kb / 1P
   2.00mm PITCH CONNECTOR
More results

Similar Description - SMAW420

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
SMT420 YEONHO-SMT420 Datasheet
133Kb / 1P
   4.20mm PITCH CONNECTOR
SMW420 YEONHO-SMW420 Datasheet
224Kb / 1P
   4.20mm PITCH CONNECTOR
SMH420 YEONHO-SMH420 Datasheet
207Kb / 1P
   4.20mm PITCH CONNECTOR
SMH420-NNB YEONHO-SMH420-NNB Datasheet
215Kb / 1P
   4.20mm PITCH CONNECTOR
logo
Molex Electronics Ltd.
987650-9312 MOLEX2-987650-9312 Datasheet
294Kb / 3P
   Mini-Fit Plus Connector System 4.20mm Pitch
0039000038 MOLEX3-0039000038 Datasheet
235Kb / 4P
   4.20mm (.165") Pitch Mini-Fit?
1626482 MOLEX11-1626482 Datasheet
38Kb / 2P
   4.20mm Pitch Mini-Fit Jr
0496242095 MOLEX6-0496242095 Datasheet
148Kb / 2P
   4.20mm (.165
0987611003 MOLEX1-0987611003 Datasheet
48Kb / 2P
   3.33mm / 4.20mm Pitch Hybrid Male Connector, Sealed, 30 Circuits, Gray
0442810010 MOLEX6-0442810010 Datasheet
131Kb / 3P
   4.20mm (.165
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com