Electronic Components Datasheet Search |
|
SMAW250G-08G Datasheet(PDF) 1 Page - YEONHO ELECTRONICS |
|
SMAW250G-08G Datasheet(HTML) 1 Page - YEONHO ELECTRONICS |
|
1 / 1 page 2.50mm (0.098")PITCHCONNECTOR DIP Right Angle I/NO TITLE DESCRIPTION MATERIAL 1 SMAW250-NNG WAFER 2 Brass & Tin-Plated PA66, UL94 V Grade PIN PARTS NO. A C B Material SMAW250G Series Wire-to-Board Wafer ITEM SPEC Contact Resistance Current Rating Operating Temperature Voltage Rating AC/DC 250V 30mΩ MAX Withstanding Voltage AC1000V/1min Insulation Resistance 1000MΩ MIN Applicable P.C.B 1.2~1.6mm Applicable Wire - Applicable FPC/FFC - - Solder Height Crimp Tensile Strength - UL FILE NO E108706 AC/DC 3A -25℃~+85℃ Specification Available Pin SMAW250-15G SMAW250-11G SMAW250-14G SMAW250-12G SMAW250-13G SMAW250-09G SMAW250-10G SMAW250-07G SMAW250-08G SMAW250-05G SMAW250-06G SMAW250-04G SMAW250-03G SMAW250-02G 20.00 18.40 35.00 40.00 37.50 25.00 27.50 22.50 30.00 32.50 33.40 38.40 35.90 20.90 23.40 25.90 30.90 28.40 7.50 15.00 17.50 12.50 10.00 5.90 13.40 15.90 10.90 8.40 2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5 35.0 A 2.5 (PITCH) B A PCB PIN 0.905 0.64 14.5 P=2.5 ±0.1 2.5 C 5.0 C ±0.1 Ø1.0 0.64 PCB ASS'Y PCB LAYOUT |
Similar Part No. - SMAW250G-08G |
|
Similar Description - SMAW250G-08G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |