Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF50H120TG Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTGF50H120TG
Description  Full - Bridge NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF50H120TG Datasheet(HTML) 4 Page - Advanced Power Technology

  APTGF50H120TG Datasheet HTML 1Page - Advanced Power Technology APTGF50H120TG Datasheet HTML 2Page - Advanced Power Technology APTGF50H120TG Datasheet HTML 3Page - Advanced Power Technology APTGF50H120TG Datasheet HTML 4Page - Advanced Power Technology APTGF50H120TG Datasheet HTML 5Page - Advanced Power Technology APTGF50H120TG Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTGF50H120TG
APT website – http://www.advancedpower.com
4 - 6
Typical Performance Curve
Output characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
40
80
120
160
200
02468
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Output Characteristics (VGE=10V)
TJ=25°C
TJ=125°C
0
10
20
30
40
50
01234
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Transfer Characteristics
TJ=25°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
04
8
12
16
VGE, Gate to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Gate Charge
VCE=240V
VCE=600V
VCE=960V
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
Gate Charge (nC)
IC = 50A
TJ = 25°C
Ic=100A
Ic=50A
Ic=25A
0
1
2
3
4
5
6
7
8
9
9
101112
13141516
VGE, Gate to Emitter Voltage (V)
On state Voltage vs Gate to Emitter Volt.
TJ = 25°C
250µs Pulse Test
< 0.5% Duty cycle
Ic=100A
Ic=50A
Ic=25A
0
1
2
3
4
5
6
-50
-25
0
255075
100
125
TJ, Junction Temperature (°C)
On state Voltage vs Junction Temperature
250µs Pulse Test
< 0.5% Duty cycle
VGE = 15V
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-50
-25
0
25
50
75
100 125
TJ, Junction Temperature (°C)
Breakdown Voltage vs Junction Temp.
0
10
20
30
40
50
60
70
80
90
-50-25
0
25
50
75100 125 150
TC, Case Temperature (°C)
DC Collector Current vs Case Temperature


Similar Part No. - APTGF50H120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50H120TG MICROSEMI-APTGF50H120TG Datasheet
289Kb / 6P
   Full - Bridge NPT IGBT Power Module
More results

Similar Description - APTGF50H120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF25H120T3G MICROSEMI-APTGF25H120T3G Datasheet
291Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF50H60T1G MICROSEMI-APTGF50H60T1G Datasheet
321Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF90H60T3G MICROSEMI-APTGF90H60T3G Datasheet
246Kb / 7P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF180H60 ADPOW-APTGF180H60 Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF25H120T3 ADPOW-APTGF25H120T3 Datasheet
320Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF30H60T3 ADPOW-APTGF30H60T3 Datasheet
322Kb / 6P
   Full - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75H120TG MICROSEMI-APTGF75H120TG Datasheet
261Kb / 5P
   Full - Bridge NPT IGBT Power Module
APTGF50H60T3G MICROSEMI-APTGF50H60T3G Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120G MICROSEMI-APTGF150H120G Datasheet
250Kb / 5P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50H60T3G ADPOW-APTGF50H60T3G Datasheet
319Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120 ADPOW-APTGF150H120 Datasheet
301Kb / 5P
   Full - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com