Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF75DSK120T Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGF75DSK120T
Description  Dual Buck chopper NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF75DSK120T Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGF75DSK120T Datasheet HTML 1Page - Advanced Power Technology APTGF75DSK120T Datasheet HTML 2Page - Advanced Power Technology APTGF75DSK120T Datasheet HTML 3Page - Advanced Power Technology APTGF75DSK120T Datasheet HTML 4Page - Advanced Power Technology APTGF75DSK120T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGF75DSK120T
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
0
50
100
150
200
250
0
0.511.522.5
3
V
F (V)
hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
70
80
90
100
0
204060
80
100
I
C (A)
VCE=600V
D=50%
RG=7.5 Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGF75DSK120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF75DSK120TG MICROSEMI-APTGF75DSK120TG Datasheet
256Kb / 5P
   Dual Buck Chopper NPT IGBT Power Module
More results

Similar Description - APTGF75DSK120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DSK60T3G MICROSEMI-APTGF50DSK60T3G Datasheet
293Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
APTGF75DSK120TG MICROSEMI-APTGF75DSK120TG Datasheet
256Kb / 5P
   Dual Buck Chopper NPT IGBT Power Module
APTGF25DSK120T3G MICROSEMI-APTGF25DSK120T3G Datasheet
290Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF25DSK120T3 ADPOW-APTGF25DSK120T3 Datasheet
319Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
APTGF50DSK60T3 ADPOW-APTGF50DSK60T3 Datasheet
321Kb / 6P
   Dual Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50DSK120T3G MICROSEMI-APTGF50DSK120T3G Datasheet
248Kb / 7P
   Dual Buck chopper NPT IGBT Power Module
APTGF90DSK60T3G MICROSEMI-APTGF90DSK60T3G Datasheet
209Kb / 5P
   Dual Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF90SK60D1 ADPOW-APTGF90SK60D1 Datasheet
169Kb / 3P
   Buck chopper NPT IGBT Power Module
APTGF100SK120T ADPOW-APTGF100SK120T Datasheet
294Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF300SK120 ADPOW-APTGF300SK120 Datasheet
302Kb / 5P
   Buck chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com