Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7025BCPZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF7025BCPZ-RL7
Description  High Performance ISM Band Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7025BCPZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF7025BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF7025BCPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADF7025
Rev. A | Page 6 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDD
V
Input Low Voltage, VINL
0.2 ×VDD
V
Input Current, IINH/IINL
±1
µA
Input Capacitance, CIN
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
IOH = 500 µA
Output Low Voltage, VOL
0.4
V
IOL = 500 µA
CLKOUT Rise/Fall
5
ns
CLKOUT Load
10
pF
TEMPERATURE RANGE, TA
−40
+85
°C
POWER SUPPLIES
Voltage Supply
VDD
2.3
3.6
V
All VDD pins must be tied together
Transmit Current Consumption
FRF = 915 MHz, VDD = 3.0 V,
PA is matched in to 50 Ω
−20 dBm
14.6
mA
−10 dBm
15.8
mA
0 dBm
19.3
mA
10 dBm
28
mA
Receive Current Consumption
Low Current Mode
19
mA
High Sensitivity Mode
21
mA
Power-Down Mode
Low Power Sleep Mode
0.1
1
µA
1 Measured as maximum unmodulated power. Output power varies with both supply and temperature.
2 Sensitivity for combined matching network case is typically 2 dB less than separate matching networks.
3 Follow the matching and layout guidelines in the LN
section to achieve the relevant FCC/ETSI specifications.
A/PA Matching


Similar Part No. - ADF7025BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
More results

Similar Description - ADF7025BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com