Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT50DDA120T3 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT50DDA120T3
Description  Dual Boost chopper Trench IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50DDA120T3 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT50DDA120T3 Datasheet HTML 1Page - Advanced Power Technology APTGT50DDA120T3 Datasheet HTML 2Page - Advanced Power Technology APTGT50DDA120T3 Datasheet HTML 3Page - Advanced Power Technology APTGT50DDA120T3 Datasheet HTML 4Page - Advanced Power Technology APTGT50DDA120T3 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT50DDA120T3
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC= 25°C
75
IC
Continuous Collector Current
TC= 80°C
50
ICM
Pulsed Collector Current
TC= 25°C
100
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
270
W
RBSOA
Reverse Bias Save Operating Area
TJ = 125°C
100A @ 1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
23
22
13
Q1
CR1
30
8
Q2
7
14
CR2
16
R1
29
15
26
27
4
3
31
32
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 13/14 ; 29/30 ; 22/23 …
VCES = 1200V
IC = 50A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Low stray inductance
High level of integration
Internal thermistor for temperature monitoring
Benefits
Outstanding performance at high frequency
operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
Easy paralleling due to positive TC of VCEsat
Each leg can be easily paralleled to achieve a
single boost of twice the current capability.
Dual Boost chopper
Trench IGBT® Power Module


Similar Part No. - APTGT50DDA120T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50DDA120T3G MICROSEMI-APTGT50DDA120T3G Datasheet
263Kb / 5P
   Dual Boost chopper Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50DDA120T3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75DA170D1 ADPOW-APTGT75DA170D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT150DA120D1 ADPOW-APTGT150DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT25DA120D1 ADPOW-APTGT25DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT150DA120D3 ADPOW-APTGT150DA120D3 Datasheet
205Kb / 3P
   Boost Chopper Trench IGBT Power Module
APTGT100DA120D1 ADPOW-APTGT100DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT30DA170D1 ADPOW-APTGT30DA170D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT200DA170D3 ADPOW-APTGT200DA170D3 Datasheet
197Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT300DA170D3 ADPOW-APTGT300DA170D3 Datasheet
197Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT150DA170D1 ADPOW-APTGT150DA170D1 Datasheet
185Kb / 3P
   Boost chopper Trench IGBT Power Module
APTGT300DA120D3 ADPOW-APTGT300DA120D3 Datasheet
205Kb / 3P
   Boost chopper Trench IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com