Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT50DU120T Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTGT50DU120T
Description  Dual common source Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50DU120T Datasheet(HTML) 3 Page - Advanced Power Technology

  APTGT50DU120T Datasheet HTML 1Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 2Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 3Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 4Page - Advanced Power Technology APTGT50DU120T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGT50DU120T
APT website – http://www.advancedpower.com
3 - 5
Temperature sensor NTC (see application note APT0406 on www.advancedpower.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.45
RthJC
Junction to Case
Diode
0.58
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To Heatsink
M5
1.5
4.7
N.m
Wt
Package Weight
160
g
Package outline (dimensions in mm)
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGT50DU120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50DU120TG MICROSEMI-APTGT50DU120TG Datasheet
258Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50DU120T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200DU120 ADPOW-APTGT200DU120 Datasheet
269Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT150DU120 ADPOW-APTGT150DU120 Datasheet
269Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300DU120G MICROSEMI-APTGT300DU120G Datasheet
245Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT50DU120TG MICROSEMI-APTGT50DU120TG Datasheet
258Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT75DU120TG MICROSEMI-APTGT75DU120TG Datasheet
258Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300DU120 ADPOW-APTGT300DU120 Datasheet
271Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT400DU120G MICROSEMI-APTGT400DU120G Datasheet
246Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT200DU120G MICROSEMI-APTGT200DU120G Datasheet
245Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT100DU120TG MICROSEMI-APTGT100DU120TG Datasheet
257Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100DU120T ADPOW-APTGT100DU120T Datasheet
279Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT150DU120T ADPOW-APTGT150DU120T Datasheet
279Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com