Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT50SK170T Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGT50SK170T
Description  Buck chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50SK170T Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGT50SK170T Datasheet HTML 1Page - Advanced Power Technology APTGT50SK170T Datasheet HTML 2Page - Advanced Power Technology APTGT50SK170T Datasheet HTML 3Page - Advanced Power Technology APTGT50SK170T Datasheet HTML 4Page - Advanced Power Technology APTGT50SK170T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT50SK170T
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
10
20
30
40
50
60
70
80
90
100
00.511.522.5
3
VF (V)
hard
switching
ZCS
ZVS
0
5
10
15
20
25
30
0
1020304050607080
IC (A)
VCE=900V
D=50%
RG=10 Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT50SK170T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50SK170T1G MICROSEMI-APTGT50SK170T1G Datasheet
281Kb / 5P
   Buck chopper Trench Field Stop IGBT짰 Power Module
APTGT50SK170TG MICROSEMI-APTGT50SK170TG Datasheet
259Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50SK170T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50SK170TG MICROSEMI-APTGT50SK170TG Datasheet
259Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225SK170 ADPOW-APTGT225SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT300SK170 ADPOW-APTGT300SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT450SK60 ADPOW-APTGT450SK60 Datasheet
269Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150SK170G MICROSEMI-APTGT150SK170G Datasheet
246Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT100SK60T3AG MICROSEMI-APTGT100SK60T3AG Datasheet
204Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60G MICROSEMI-APTGT600SK60G Datasheet
247Kb / 6P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT200SK60T ADPOW-APTGT200SK60T Datasheet
279Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60 ADPOW-APTGT600SK60 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200SK60T3AG MICROSEMI-APTGT200SK60T3AG Datasheet
207Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com