Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT100TDU60P Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT100TDU60P
Description  Triple Dual Common Source Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT100TDU60P Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT100TDU60P Datasheet HTML 1Page - Advanced Power Technology APTGT100TDU60P Datasheet HTML 2Page - Advanced Power Technology APTGT100TDU60P Datasheet HTML 3Page - Advanced Power Technology APTGT100TDU60P Datasheet HTML 4Page - Advanced Power Technology APTGT100TDU60P Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT100TDU60P
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
E5/E6
G5
E5
E3/E4
C5
G3
C6
E6
G6
C2
E2
G2
C4
E4
G4
E1
C1
G1
E1/E2
C3
E3
E5
G5
C 5
C 3
G3
E5/E6
E3
E6
G6
C 4
C 6
E4
G4
E1
E1/E2
E3/E4
C 1
G1
G2
E2
C 2
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC= 25°C
150
IC
Continuous Collector Current
TC= 80°C
100
ICM
Pulsed Collector Current
TC= 25°C
200
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
340
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
200A @ 550V
VCES = 600V
IC = 100A @ Tc = 80°C
Application
AC Switches
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
High level of integration
Benefits
Stable temperature behavior
Very rugged
Solderable terminals for easy PCB mounting
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Very low (12mm) profile
Each leg can be easily paralleled to achieve a dual
common source configuration of three times the
current capability
Triple Dual Common Source
Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT100TDU60P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100TDU60PG MICROSEMI-APTGT100TDU60PG Datasheet
258Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT100TDU60P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50TDU170PG MICROSEMI-APTGT50TDU170PG Datasheet
260Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
APTGT75TDU60PG MICROSEMI-APTGT75TDU60PG Datasheet
257Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT75TDU60P ADPOW-APTGT75TDU60P Datasheet
283Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
APTGT50TDU60P ADPOW-APTGT50TDU60P Datasheet
285Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100TDU60PG MICROSEMI-APTGT100TDU60PG Datasheet
258Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
APTGT50TDU60PG MICROSEMI-APTGT50TDU60PG Datasheet
258Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
APTGT150TDU60PG MICROSEMI-APTGT150TDU60PG Datasheet
258Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150TDU60P ADPOW-APTGT150TDU60P Datasheet
283Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100TDU120TPG MICROSEMI-APTGT100TDU120TPG Datasheet
228Kb / 5P
   Triple Dual Common Source Fast Trench Field Stop IGBT Power Module
APTGT75TDU120PG MICROSEMI-APTGT75TDU120PG Datasheet
258Kb / 5P
   Triple Dual Common Source Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com