Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT200SK120 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT200SK120
Description  Buck chopper Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT200SK120 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT200SK120 Datasheet HTML 1Page - Advanced Power Technology APTGT200SK120 Datasheet HTML 2Page - Advanced Power Technology APTGT200SK120 Datasheet HTML 3Page - Advanced Power Technology APTGT200SK120 Datasheet HTML 4Page - Advanced Power Technology APTGT200SK120 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT200SK120
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Q1
G1
0/VBUS
OUT
E1
CR2
VBUS
VBUS
OUT
0/VBUS
E1
G1
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC= 25°C
280
IC
Continuous Collector Current
TC= 80°C
200
ICM
Pulsed Collector Current
TC= 25°C
400
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
890
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
400A @ 1100V
VCES = 1200V
IC = 200A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Fast Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Buck chopper
Fast Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT200SK120

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200SK120D3 ADPOW-APTGT200SK120D3 Datasheet
205Kb / 3P
   Buck chopper Trench IGBT Power Module
logo
Microsemi Corporation
APTGT200SK120D3G MICROSEMI-APTGT200SK120D3G Datasheet
218Kb / 5P
   Buck Chopper Trench Field Stop IGBT Power Module
APTGT200SK120G MICROSEMI-APTGT200SK120G Datasheet
245Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT200SK120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT400SK120G MICROSEMI-APTGT400SK120G Datasheet
247Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300SK120 ADPOW-APTGT300SK120 Datasheet
271Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT75SK120T ADPOW-APTGT75SK120T Datasheet
279Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50SK120TG MICROSEMI-APTGT50SK120TG Datasheet
259Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120TG MICROSEMI-APTGT150SK120TG Datasheet
258Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT100SK120TG MICROSEMI-APTGT100SK120TG Datasheet
257Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50SK120TG ADPOW-APTGT50SK120TG Datasheet
283Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT100SK120T ADPOW-APTGT100SK120T Datasheet
279Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120 ADPOW-APTGT150SK120 Datasheet
269Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120T ADPOW-APTGT150SK120T Datasheet
280Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300SK120G MICROSEMI-APTGT300SK120G Datasheet
245Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com