Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSX-852 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-852
Description  SM Crystal Ceramic Lid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-852 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-852 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
10.000000
12.600000
12.800000
13.000000
14.400000
15.360000
16.000000
16.800000
19.200000
19.440000
19.680000
19.800000
20.000000
20.400000
20.945000
21.250000
24.000000
24.553500
26.000000
27.000000
SM Crystal - Ceramic Lid
GSX-852
06 Feb 2003
ACTUAL SIZE
8.15
(max)
4.65
(max)
1.60
(max)
2.00
1.50
1.50
SOLDER PAD LAYOUTS
3.00
2.50
4.00
2.50
TOP VIEW
Features
« Ceramic body & lid
« Glass seal for best price / performance
« Low cost for volume applications
Standard Frequencies
Product name + option codes + frequency
eg:
GSX-852/551EF 16.0MHz 50/50/10/18-F
GSX-852/5C4S3 48.0MHz 50/100/40/S-3
Option code X (eg GSX-852/X) denotes a custom specification.
Ordering Information
Frequencies in MHz
Scale 2:1
±30ppm temperature stability may not be available over -40+85°C.
Check with our sales office before ordering.
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Other frequencies available. Please consult our sales office.
Product
GSX-852
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Frequency range:
7.3728 ~ 60.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±20ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-40 to +85°C
4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
16pF
D
18pF
E
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (7.3728 ~ 40.0MHz)
F
3rd overtone (30.0 ~ 60.0MHz)
3
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
80
(7.3728 ~ <10.0MHz)
60
(10.0 ~ <16.0MHz)
50
(16.0 ~ 40.0MHz, fundamental)
80
(30.0 ~ 60.0MHz, 3rd OT)
Ageing:
±3ppm max first year
Test drive level:
100µW
Soldering condition:
235°C, 10 sec max


Similar Part No. - GSX-852

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-852 GOLLEDGE-GSX-852 Datasheet
553Kb / 4P
   SM Crystal
More results

Similar Description - GSX-852

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX532 GOLLEDGE-GSX532 Datasheet
57Kb / 1P
   SM Crystal Ceramic Lid
GSX642 GOLLEDGE-GSX642 Datasheet
47Kb / 1P
   SM Crystal ceramic Lid
GSX752 GOLLEDGE-GSX752 Datasheet
58Kb / 1P
   SM Crystal Ceramic Lid
GSX-751 GOLLEDGE-GSX-751_08 Datasheet
52Kb / 1P
   SM Crystal - Metal Lid
GSX331 GOLLEDGE-GSX331 Datasheet
55Kb / 1P
   SM Crystal Metal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
   SM Crystal Metal Lid
GSX431 GOLLEDGE-GSX431 Datasheet
56Kb / 1P
   SM Crystal Mtal Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
   SM Crystal Metal Lid
GSX641 GOLLEDGE-GSX641 Datasheet
56Kb / 1P
   SM Crystal Metal Lid
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
   SM Crystal - Metal Lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com