Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

P6KE27CA Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # P6KE27CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE27CA Datasheet(HTML) 6 Page - Pan Jit International Inc.

  P6KE27CA Datasheet HTML 1Page - Pan Jit International Inc. P6KE27CA Datasheet HTML 2Page - Pan Jit International Inc. P6KE27CA Datasheet HTML 3Page - Pan Jit International Inc. P6KE27CA Datasheet HTML 4Page - Pan Jit International Inc. P6KE27CA Datasheet HTML 5Page - Pan Jit International Inc. P6KE27CA Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P6KE91CA
77.80
86.50
95.50
1
125.0
4.8
5
P6KE100C
P6KE100CA
P6KE110C
P6KE110CA
81.00
85.50
89.20
94.00
90.00
95.00
99.00
105.00
110.00
105.00
121.00
116.00
1
1
1
1
144.0
137.0
158.0
152.0
4.2
4.4
3.8
4.0
5
5
5
5
P6KE120C
P6KE120CA
P6KE130C
P6KE130CA
97.20
102.00
105.00
111.00
108.00
114.00
117.00
124.00
132.00
126.00
143.00
137.00
1
1
1
1
173.0
165.0
187.0
179.0
3.5
3.6
3.2
3.3
5
5
5
5
BI-DIRECTIONAL 600 Watt Axial Lead TVS
BI-DIRECTIONAL
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P6KE150C
P6KE150CA
P6KE160C
P6KE160CA
121.00
128.00
130.00
136.00
135.00
143.00
144.00
152.00
165.00
158.00
176.00
168.00
1
1
1
1
215.0
207.0
230.0
219.0
2.8
2.9
2.6
2.7
5
5
5
5
P6KE170C
P6KE170CA
P6KE180C
P6KE180CA
138.00
145.00
146.00
154.00
153.00
162.00
162.00
171.00
187.00
179.00
198.00
189.00
1
1
1
1
244.0
234.0
258.0
246.0
2.5
2.6
2.3
2.4
5
5
5
5
P6KE200C
P6KE200CA
P6KE220C
P6KE220CA
162.00
171.00
175.00
185.00
180.00
190.00
198.00
209.00
220.00
210.00
242.00
231.00
1
1
1
1
287.0
274.0
344.0
328.0
2.1
2.2
1.8
1.9
5
5
5
5
P6KE250C
P6KE250CA
P6KE300C
P6KE300CA
202.00
214.00
243.00
256.00
225.00
237.00
270.00
285.00
275.00
263.00
330.00
315.00
1
1
1
1
360.0
344.0
430.0
414.0
1.7
1.8
1.4
1.5
5
5
5
5
P6KE350C
P6KE350CA
P6KE400C
P6KE400CA
284.00
300.00
324.00
342.00
315.00
332.00
360.00
380.00
385.00
368.00
440.00
420.00
1
1
1
1
504.0
482.0
574.0
548.0
1.2
1.3
1.05
1.10
5
5
5
5
P6KE440C
P6KE440CA
356.00
376.00
396.00
418.00
484.00
462.00
1
1
631.0
600.0
0.99
1.04
5
5


Similar Part No. - P6KE27CA

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
P6KE27CA STMICROELECTRONICS-P6KE27CA Datasheet
78Kb / 6P
   UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
November 1998 - Ed: 2A
SUNMATE electronic Co., LTD
SUNMATE electronic Co.,...
P6KE27CA SUNMATE-P6KE27CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
Won-Top Electronics
Won-Top Electronics
P6KE27CA WTE-P6KE27CA Datasheet
74Kb / 6P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
DONGGUAN YOU FENG WEI E...
P6KE27CA YFWDIODE-P6KE27CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
Ruilongyuan Electronics Co.,Ltd
Ruilongyuan Electronics...
P6KE27CA RUILON-P6KE27CA Datasheet
895Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6KE27CA

ManufacturerPart #DatasheetDescription
Pan Jit International Inc.
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
DB Lectro Inc
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
StarHope
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
DB Lectro Inc
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
Surge Components
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
StarHope
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
Formosa MS
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
Pan Jit International Inc.
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com