Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB8441-45PFQ1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB8441-45PFQ1
Description  C-MOS 64K - BIT DUAL PORT STATIC RAM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB8441-45PFQ1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB8441-45PFQ1 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB8441-45PFQ1 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB8441-45PFQ1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52
53
54
55
56
57
58
59
60
61
62
63
64
VDD(+5V)
VDD(+5V)
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
GND
VDD(+5V)
GND
GND
PIN
NO.
I/O
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
I
I
I
I
I
I
I
I
I
I
I
I
O
I/O
A12L
OEL
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
NC
NC
I/O1L
SIGNAL
PIN
NO.
I/O
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O8L
GND
GND
VDD
GND
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
SIGNAL
PIN
NO.
I/O
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
I/O
I/O
I/O
I
I
I
I
I
I
I
I
I
I
I/O6R
I/O7R
I/O8R
NC
NC
NC
A9R
A8R
A7R
A6R
A5R
A4R
A3R
A2R
A1R
A0R
SIGNAL
PIN
NO.
I/O
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
I
I
I
I
O
I
I
I
I
I
I
O
I
I
A12R
A11R
A10R
R
R
R
R
VDD
VDD
L
L
L
L
A10L
A11L
SIGNAL
(VDD = +5V)
–TOP VIEW–
MB8441-45PFQ(1/3)
IL00
C-MOS 64K-BIT DUAL PORT STATIC RAM
**********


Similar Part No. - MB8441-45PFQ1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB8441-45 FUJITSU-MB8441-45 Datasheet
992Kb / 19P
   CMOS 64K-BIT DUAL PORT SRAM
More results

Similar Description - MB8441-45PFQ1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com