2 / 3 page
SBT103D Series
SBT
Maximum Ratings : (@TA=25°C unless otherwise specified)
Characteristic
Symbol
SBT103AD
SBT103BD
SBT103CD
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IFM
350
mA
Repetitive Peak Forward Current
@t 1.0s
IFRM
1.0
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Half Sine Wave
IFSM
15
mA
A
Power Dissipation
Pd
400
mW
Thermal Resistance, Junction to
Ambient Air
R JA
300
°C/W
Operating Temperature Range
Tj
125
°C
Storage Temperature Range
TSTG
-55 to +125
°C
Package Data :
Case: Molded Plastic Material (UL Flammability Classification 94V-0)
Terminals: Solderable Plated Terminals (MIL-STD-202, Method 208)
Lead Free Plating (Matte Tin Finish)
Polarity: See device configurations below
Approx. Weight: 0.13 grams.
Package outline and dimensions (see below)