Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-3041 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 5082-3041
Description  MICROSTRIP/STRIPLINE PIN DIODE SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

5082-3041 Datasheet(HTML) 1 Page - Advanced Semiconductor

  5082-3041 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10
µA
70
V
VF
IF = 100 mA
1.0
V
ττ
IF = 10 mA
IR = 6 mA
35
µ
µS
IL
IF = 0 mA
PIN = 0 dBm
F = 8 GHz
1.0
dB
IL
IF = 20 mA
PIN = 0 dBm
F = 8 GHz
20
dB
VSW R
IF = 0 mA
PIN = 0 dBm
F = 8 GHz
1.5:1
---
NOTE: The ASI 5082-3041 was designed to be a single piece hermetic replacement for the HP 5082-3041 diode. It features an
internal low pass filter structure with a corner frequency of 20 GHz which yields insertion loss and isolation performance equivalent
to the original HP device while maintaining mechanical compatible in most applications.
MICROSTRIP/STRIPLINE PIN DIODE SWITCH
DESCRIPTION:
The
5082-3041 is a Silicon PIN Diode
Module Designed for Reflective
Attenuator and Switching Applications
from 1 GHz to 18 GHz.
FEATURES INCLUDE:
• Direct Replacement for HP 5082-3041
• Isolation = 20 dB min. at 8 GHz
• Hermetic Package
MAXIMUM RATINGS
IF
250 mA
VR
70 V
PDISS
1 W @ TC = 25
OC
TJ
-65
OC to +125 OC
TSTG
-65
OC to +125 OC
θθ
JC
100
OC/W
PACKAGE STYLE M-50
ORDER CODE: ASI30253
Cathode
5082-3041


Similar Part No. - 5082-3041

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-3040 ASI-5082-3040 Datasheet
25Kb / 1P
   MICROSTRIP / STRIPLINE PIN DIODE SWITCH
5082-3042 ASI-5082-3042 Datasheet
19Kb / 1P
   FAST SWITCHING PIN DIODE
More results

Similar Description - 5082-3041

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-3141 ASI-5082-3141 Datasheet
50Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
5082-3170 ASI-5082-3170 Datasheet
17Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
5082-3340 ASI-5082-3340 Datasheet
51Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
5082-3040 ASI-5082-3040 Datasheet
25Kb / 1P
   MICROSTRIP / STRIPLINE PIN DIODE SWITCH
5082-3140 ASI-5082-3140 Datasheet
20Kb / 1P
   MICROSTRIP/STRIPLINE NIP DIODE SWITCH
logo
M/A-COM Technology Solu...
MA4P504-144 MA-COM-MA4P504-144 Datasheet
87Kb / 2P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200_15 Datasheet
681Kb / 5P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
190Kb / 4P
   Stripline PIN Diode Switch Modules
MA47200_V5 MA-COM-MA47200_V5 Datasheet
190Kb / 4P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
147Kb / 3P
   Stripline PIN Diode Switch Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com