Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDD64M72D18RW-13B Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HDD64M72D18RW-13B
Description  DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD64M72D18RW-13B Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HDD64M72D18RW-13B Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HANBit
HDD64M72D18RPW
URL : www.hbe.co.kr
6
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
CAPACITANCE
(VDD = min to max, VDDQ = 2.5V to 2.7V, TA = 25°C, f = 100MHz)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input capacitance(A0~A12, BA0~BA1, /RAS, /CAS,/WE)
CIN1
-
12
pF
Input capacitance(CKE0,CKE1)
CIN2
-
12
pF
Input capacitance(/CS0,/CS1)
CIN3
-
11
pF
Input capacitance(CK0~/CK1)
CIN4
-
12
pF
Input capacitance(DM0~DM8)
CIN5
-
16
pF
Data & DQS input/output capacitance (DQ0 ~ DQ63,
DQS0~DQS8)
COUT1
-
16
pF
Data input/output capacitance (CB0~CB7))
COUT2
-
16
pF
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, VDD = 2.5V, T =25°C)
version
pARAMETER
Symbo
l
TEST
Condition
-10A
-13A
-13B
Unit
Operating current
(One bank
active-Precharge)
IDD0
tRC
≥ tRC(min), tCK=100MHz for DDR200,133MHz for
DDR266A & DDR266B
DQ,DM and DQS inputs changing twice per clock
cycle Address and control inputs changing once per
clock cycle
1515
1695
1695
mA
Operating current
(One bankOperation)
IDD1
One bank open, BL=4,Reads-Refer to the following
page for detailed test condition
1605
1875
1875
mA
Precharge
power-
down
standby current
IDD2P
All banks idle, power-down mode
CKE
≤ VIL(max), tCK=100MHz for DDR200,133MHz for
DDR266A & DDR266B VIN = VREF for DQ,DQS and
DM
885
1020
1020
mA
Precharge Floating
standby current
IDD2F
/CS
≥ VIH(min), All banks idle
CKE
≥ VIH(min), tCK=100MHz for DDR200,133MHz for
DDR266A & DDR266B
Address and control inputs changing once per clock
cycle VIN = VREF for DQ,DQS and DM
1020
1155
1155
mA
Precharge Quiet
Standby current
IDD2Q
/CS
≥ VIH(min), All banks idle
CKE
≥ VIH(min), tCK=100MHz for DDR200,133MHz for
DDR266A & DDR266B Address and other control
inputs stable with keeping
≥ V
IH(min) or
≤ V
IL(max)
VIN = VREF for DQ,DQS and DM
975
1110
1110
Active power-down
Mode standby current
IDD3P
One bank active; power-down mode;
CKE
≤ VIL(max), tCK=100MHz for DDR200,133MHz for
DDR266A & DDR266B VIN = VREF for DQ,DQS and
DM.
1020
1155
1155
mA
Active standby
current
IDD3N
CS# >= VIH(min), CKE>=VIH(min)
one bank active, active
– precharge, tRC=tRASmax
tCK = 100Mhz for DDR200, 133Mhz for DDR266A
& DDR266B, DQ, DQS and DM inputs changing
twice per clock cycle Address and other control
inputs changing once per clock cycle
1110
1290
1290
mA


Similar Part No. - HDD64M72D18RW-13B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-10A HANBIT-HDD64M72D18W-10A Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-13A HANBIT-HDD64M72D18W-13A Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-13B HANBIT-HDD64M72D18W-13B Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
More results

Similar Description - HDD64M72D18RW-13B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD128M72D18RPW HANBIT-HDD128M72D18RPW Datasheet
447Kb / 14P
   DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M390S6450CT1 SAMSUNG-M390S6450CT1 Datasheet
220Kb / 12P
   64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com