Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDD64M72D18RW-13B Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HDD64M72D18RW-13B
Description  DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD64M72D18RW-13B Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HDD64M72D18RW-13B Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HDD64M72D18RW-13B Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HANBit
HDD64M72D18RPW
URL : www.hbe.co.kr
7
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
Operating current
(burst read)
IDD4R
BL = 2, reads, continuous burst
One bank open, Address and control inputs
changing once per clock cycle, IOUT = 0mA
2055
2415
2415
mA
Operating current
(Bust write)
IDD4W
BL = 2, write, continuous burst
One bank open, Address and control inputs
changing
once per clock cycle
2415
2955
2955
mA
Auto refresh current
IDD5
tRC = tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz,
distributed refresh
2055
2415
2415
mA
Normal
354
354
354
Self
refresh
current
Low Power
IDD6
CKE =< 0.2V, External clock should be on
tCK = 100Mhz for DDR200, 133Mhz for DDR266A
& DDR266B
327
327
327
mA
Operating current
(Four bank operation)
IDD7A
Four bank interleaving with BL=4
-Refer to the following page for detailed test
condition
3315
3945
3945
mA
Notes: Operation at above absolute maximum rating can adversely affect device reliability
AC OPERATING CONDITIONS
PARAMETER
STMBOL
MIN
MAX
UNIT
NOTE
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH (AC)
VREF + 0.31
3
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL (AC)
VREF - 0.31
V
3
Input Differential Voltage, CK and CK inputs
VID (AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX (AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Notes:
1.
VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of V
IX is expected to equal 0.5* VDDQ of the transmitting device and must track variations in the DC level
of the same
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the
pad in
simula-tion. the AC and DC input specificatims are refation to a Vref envelope that has been bandwidth limited
20MHz.
AC OPERATING TEST CONDITIONS
PARAMETER
VALUE
UNIT
NOTE
Input reference voltage for Clock
0.5 * VDDQ
V
Input signal maximum peak swing
1.5
V
Input signal minimum slew rate
1.0
V
Input Levels(VIH/VIL)
VREF+0.35/VREF
V
Input timing measurement reference level
VREF
V
Output timing measurement reference level
VTT
V
Output load condition
See Load Circuit
V


Similar Part No. - HDD64M72D18RW-13B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-10A HANBIT-HDD64M72D18W-10A Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-13A HANBIT-HDD64M72D18W-13A Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-13B HANBIT-HDD64M72D18W-13B Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
More results

Similar Description - HDD64M72D18RW-13B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD128M72D18RPW HANBIT-HDD128M72D18RPW Datasheet
447Kb / 14P
   DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M390S6450CT1 SAMSUNG-M390S6450CT1 Datasheet
220Kb / 12P
   64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com