Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I-MGBIC-GSX-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # I-MGBIC-GSX-C
Description  I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GSX-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  I-MGBIC-GSX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ I-MGBIC-GSX-C_V1
Page 3 of 8
Product Datasheet
Optical Parameters (TOP = -40 to 85°C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Note
Transmitter Section:
Center Wavelength
λc
840
850
860
nm
Spectral Width (RMS)
σRMS
0.85
nm
Optical Output Power
Pout
-9
-3
dBm
1
Extinction Ratio
ER
9
dB
Optical Rise/Fall Time
tr / tf
260
ps
2
Relative Intensity Noise
RIN
-120
dB/H
z
Output Eye Mask
Compliant with IEEE802.3 z (class 1 laser safety)
Receiver Section:
Optical Input Wavelength
λc
770
860
nm
Receiver Overload
Pol
0
dBm
4
RX Sensitivity
Sen
-17
dBm
4
RX_LOS Assert
LOS A
-35
dBm
RX_LOS De-assert
LOS D
-18
dBm
RX_LOS Hysteresis
LOS H
0.5
dB
General Specifications:
Data Rate
BR
1.25
Gb/s
Bit Error Rate
BER
10-12
Max. Supported Link Length on
50/125μm MMF@1.25Gb/s
LMAX
550
m
Total System Budget
LB
8
dB
Notes:
1. The optical power is launched into MMF.
2. 20-80%.
3. Jitter measurements taken using Agilent OMNIBERT 718 in accordance with GR-253.
4. Measured with PRBS 27-1 at 10-12 BER


Similar Part No. - I-MGBIC-GSX-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - I-MGBIC-GSX-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MGBIC-LC01-C ATGBICS-MGBIC-LC01-C Datasheet
293Kb / 8P
   MGBIC-LC01 Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
BTI-MGBIC-GSX-LC-C ATGBICS-BTI-MGBIC-GSX-LC-C Datasheet
293Kb / 8P
   BTI-MGBIC-GSX-LC Telco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX+-C ATGBICS-MGBM-GSX+-C Datasheet
292Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX-C ATGBICS-MGBM-GSX-C Datasheet
293Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
   SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
1000BASE-SX-SFP-C ATGBICS-1000BASE-SX-SFP-C Datasheet
293Kb / 8P
   1000BASE-SX-SFP Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-C ATGBICS-SFP-SX-C Datasheet
293Kb / 8P
   SFP-SX Napatech Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
RX-550M-SFP-C ATGBICS-RX-550M-SFP-C Datasheet
293Kb / 8P
   RX-550M-SFP Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-C ATGBICS-SFP-GE-SX-C Datasheet
293Kb / 8P
   SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-1G-SX-C ATGBICS-SFP-1G-SX-C Datasheet
293Kb / 8P
   SFP-1G-SX Arista Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com