Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194D225X0004A2T Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 194D225X0004A2T
Description  Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

194D225X0004A2T Datasheet(HTML) 8 Page - Vishay Siliconix

  194D225X0004A2T Datasheet HTML 1Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 2Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 3Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 4Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 5Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 6Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 7Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 8Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
131
194D
Vishay Sprague
Document Number 40000
Revision 05-Jul-02
For technical questions, contact tantalum@vishay.com
in inches [millimeters]
* Pads for B, C and D case codes are otherwise pad compatible with
Type 293D, B, C and D case codes respectively.
REFLOW SOLDER PADS*
A
B
B
C
PAD
CASE
WIDTH
METALLIZATION
SEPARATION
CODE
(A)
(B)
(C)
A
0.065
0.050
0.040
[1.6]
[1.3]
[1.0]
B
0.065
0.070
0.055
[1.6]
[1.8]
[1.4]
C
0.066
0.070
0.120
[1.6]
[1.8]
[3.0]
D
0.115
0.070
0.070
[2.9]
[1.8]
[1.8]
E
0.115
0.070
0.120
[2.8]
[1.8]
[3.6]
F
0.150
0.070
0.140
[3.8]
[1.8]
[3.6]
G
0.125
0.070
0.170
[3.2]
[1.8]
[4.3]
H
0.165
0.080
0.170
[4.2]
[2.3]
[4.3]
GUIDE TO APPLICATION (Continued)
5.
Power Dissipation: Power dissipation will be
affected by the heat sinking capability of the mounting
surface. Non-sinusoidal ripple current may produce
heating effects which differ from those shown. It is
important that the equivalent
Irms value be
established when calculating permissible operating
levels. (Power dissipation calculated using + 25
°C
temperature rise.)
6.
Printed Circuit Board Materials: The 194D is
compatible with most commonly used printed circuit
board materials (alumina substrates, FR4, FR5, G10,
PTFE-fluorocarbon and porcelanized steel). If your
desired board material is not shown there, please
contact the Tantalum Marketing Department for
assistance in determining compatibility.
7.
Attachment:
7.1
Solder Paste: The recommended thickness of the
solder paste after application is .007"
± .001"
[1.78mm
± .025mm]. Care should be exercised in
selecting the solder paste. The metal purity should
be as high as practical. The flux (in the paste) must
be active enough to remove the oxides formed on
the metallization prior to the exposure to soldering
heat. In practice this can be aided by extending the
solder preheat time at temperatures below the
liquidious state of the solder.
7.2
Soldering: Capacitors can be attached by
conventional soldering techniques - convection,
infrared reflow, wave soldering and hot plate
methods. The Solder Temperature/Soldering Time
chart shows maximum recommended time/
temperature conditions for soldering. Attachment
with a soldering iron is not recommended due to the
difficulty of controlling time at temperature.
8.
Cleaning (Flux Removal) After Soldering: The
695D is compatible with all commonly used solvents
such as TES, TMS, Prelete, Chlorethane.
Solvents containing methylene chloride or other
epoxy solvents should be avoided since these will
attack the epoxy encapsulation material.
9.
Recommended Mounting Pad Geometries: The area
under the tantalum wire nib should not be metalized on
the PC board. The nib must have sufficient clearance to
avoid electrical contact with other components. The
width dimension indicated is the same as the maximum
width of the capacitor.This is to minimize lateral
movement.
Temperature
+ 25
°C
+ 55
°C
+ 85
°C
+ 125
°C
Derating
Factor
1.0
0.9
0.8
0.4
A
B
C
D
E
F
G
H
Maximum Permissible
Power Dissipation
@ + 25
°C (Watts)
in free air
Case
Code
0.060
0.075
0.075
0.085
0.095
0.110
0.120
0.150


Similar Part No. - 194D225X0004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
194D225X0004A2T VISHAY-194D225X0004A2T Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results

Similar Description - 194D225X0004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
194D VISHAY-194D_17 Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com