Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194D225X9004A2T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 194D225X9004A2T
Description  Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

194D225X9004A2T Datasheet(HTML) 1 Page - Vishay Siliconix

  194D225X9004A2T Datasheet HTML 1Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 2Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 3Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 4Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 5Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 6Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 7Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 8Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
124
194D
Vishay Sprague
Document Number 40000
Revision 05-Jul-02
For technical questions, contact tantalum@vishay.com
Solid Tantalum Chip Capacitors
MIDGET® Conformal Coated
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55
°C to + 85°C.
(To + 125
°C with voltage derating.)
Capacitance Range: .10
µF - 150µF
FEATURES
• 8mm, 12mm, 16mm tape and reel packaging available per
EIA-481-1 and reeling per IEC 286-3, 7” [178mm] standard.
DIMENSIONS in inches [millimeters]
Weld and
Dimple
Projection
Identifies
Anode (+)
Terminal
T
1
H
L
W
P
P
T
2 Max.
+
-
L
CASE
CODE
W
T
2 (Max.)
T
1
P
H
Note: When solder coated terminations are required, add 0.015" [0.381] to termination dimension tolerances.
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.030
± 0.005
[0.76
± 0.13]
0.030
± 0.005
[0.76
± 0.13]
0.030
± 0.005
[0.76
± 0.13]
0.030
± 0.005
[0.76
± 0.13]
0.030
± 0.005
[0.76
± 0.13]
0.030
± 0.005
[0.76
± 0.13]
0.050
± 0.005
[1.27
± 0.13]
.050
± 0.005
[1.27
± 0.13]
0.050
± 0.015
[1.27
± 0.38]
0.050
± 0.015
[1.27
± 0.38]
0.050
± 0.015
[1.27
± 0.38]
0.050
± 0.015
[1.27
± 0.38]
0.050
± 0.015
[1.27
± 0.38]
0.070
± 0.015
[1.78
± 0.38]
0.110
± 0.015
[2.79
± 0.38]
0.110
± 0.015
[2.79
± 0.38]
0.100
± 0.015
[2.54
± 0.38]
0.150
± 0.015
[3.81
± 0.38]
0.200
± 0.015
[5.08
± 0.38]
0.150
± 0.015
[3.81
± 0.38]
0.200
± 0.015
[5.08
± 0.38]
0.220
± 0.015
[5.59
± 0.38]
0.265
± 0.015
[6.73
± 0.38]
0.285
± 0.015
[7.24
± 0.38]
0.050
± 0.015
[1.27
± 0.38]
0.050
± 0.015
[1.27
± 0.38]
0.050
± 0.015
[1.27
± 0.38]
0.100
± 0.015
[2.54
± 0.38]
0.100
± 0.015
[2.54
± 0.38]
0.135
± 0.015
[3.43
± 0.38]
0.110
± 0.015
[2.79
± 0.38]
0.150
± 0.015
[3.81
± 0.38]
A
B
C
D
E
F
G
H
ORDERING INFORMATION
T = Tape and Reel
7" [178] Reel standard.
(1/2 reel minimum)
See Tape and Reel
Specifications.
T
PACKAGING
194D
TYPE
225
CAPACITANCE
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros to
follow.
X0
CAPACITANCE
TOLERANCE
004
DC VOLTAGE RATING
AT + 85
°C
X0 =
± 20%
X9 =
± 10%
X5 =
± 5%
Special Order.
See Ratings
and Case
Codes
Table.
A
CASE CODE
This is expressed in
volts. To complete
the three-digit
block, zeros
precede the voltage
rating.
2 = Gold Plate,
Standard.
(50
µ Inch
minimum)
8 = 60/40
Solder Plated
7 = Hot Solder
Dipped
2
TERMINATION
Capacitance Tolerance:
± 10%, ± 20% standard.
Voltage Rating: 4 WVDC to 50WVDC.
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.


Similar Part No. - 194D225X9004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
194D225X9004A2T VISHAY-194D225X9004A2T Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results

Similar Description - 194D225X9004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
194D VISHAY-194D_17 Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com