Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194D225X9004A2T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 194D225X9004A2T
Description  Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

194D225X9004A2T Datasheet(HTML) 2 Page - Vishay Siliconix

  194D225X9004A2T Datasheet HTML 1Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 2Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 3Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 4Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 5Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 6Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 7Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 8Page - Vishay Siliconix 194D225X9004A2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
125
194D
Vishay Sprague
Document Number 40000
Revision 05-Jul-02
For technical questions, contact tantalum@vishay.com
50 V
µF
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
120
150
Std.
A
B
B
C
D
E
F
F
G
G
H
Ext.
A
A
B
C
D
E
E
F
F
G
H
H
Std.
A
B
B
C
D
E
F
F
G
G
H
Std.
A
B
B
C
D
E
F
F
G
G
H
Std.
A
B
B
C
D
E
F
F
G
G
H
4 V
Ext.
A
B
C
D
E
F
F
H
H
Ext.
A
A
B
C
D
E
F
F
G
H
H
H
35 V / 40 V**
25 V
20 V
15 V / 16 V**
10 V
6 V / 6.3 V**
4 WVDC @ + 85
°C, SURGE = 5 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
STANDARD / EXTENDED RATINGS
194D / CTC1 RATINGS AND CASE CODES
Std.
A*
A
B*
B
C
D
E
F*
F
G
H
Ext.
H
Ext.
F
G
H
H
Std.
A
A
A
B
B
C
D
E
F
F
G
H
E
xt.
A
F
F
H
Std.
A
B
B
C
D
E
F
F
G*
G
H
Ext.
A
A
B
C
D
E
F
H
Std.
A
B
B
C
D
E
F
F
G
G
H
Ext.
A
A
B
C
D
E
E
F
F
G
H
H
H
Max. DF
@ + 25
°C
120 Hz
(%)
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
Max. DCL
@ + 25
°C
(
µA)
194D225X_004A2
194D335X_004A2
194D335X_004B2
194D475X_004B2
194D685X_004B2
194D685X_004C2
194D106X_004C2
194D106X_004D2
194D156X_004D2
194D156X_004E2
194D226X_004E2
194D226X_004F2
194D336X_004F2
194D476X_004F2
194D476X_004G2
194D686X_004F2
194D686X_004G2
194D107X_004H2
194D127X_004H2
194D157X_004H2
A
A
B
B
B
C
C
D
D
E
E
F
F
F
G
F
G
H
H
H
2.2
3.3
3.3
4.7
6.8
6.8
10
10
15
15
22
22
33
47
47
68
68
100
120
150
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.9
0.9
1.3
1.9
1.9
2.7
2.7
4.0
4.8
6.0
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
8
8
8
* only available in 194D
** CECC voltages are 6.3 volts, 16 volts and 40 volts. 20 volts range only available in 194D. .
Extended range values not available in CECC styles
• Preliminary values, contact factory for availability. For 10% tolerance, specify “9”; for 20% tolerance, change to “0”. Extended Ratings in bold print.


Similar Part No. - 194D225X9004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
194D225X9004A2T VISHAY-194D225X9004A2T Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results

Similar Description - 194D225X9004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
194D VISHAY-194D_17 Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com