Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN207 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AN207
Description  12-ns DG611 Switch Family Combines Benefits of CMOS and DMOS Technologies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN207 Datasheet(HTML) 2 Page - Vishay Siliconix

  AN207 Datasheet HTML 1Page - Vishay Siliconix AN207 Datasheet HTML 2Page - Vishay Siliconix AN207 Datasheet HTML 3Page - Vishay Siliconix AN207 Datasheet HTML 4Page - Vishay Siliconix AN207 Datasheet HTML 5Page - Vishay Siliconix AN207 Datasheet HTML 6Page - Vishay Siliconix AN207 Datasheet HTML 7Page - Vishay Siliconix AN207 Datasheet HTML 8Page - Vishay Siliconix AN207 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN207
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
6-2
Document Number: 70605
03-Aug-99
FIGURE 2. Typical Channel Block Diagram
V+
VL
IN
Input Logic
Driver
V–
Level Translator
DMOS Switch
V–
D
S
The level translator provides level shifting of the 0 to 5 V logic
input to the V+ to V– voltage excursions needed to control the
MOSFET switch.
The driver stage acts as a buffer and provides current
amplification to quickly charge/discharge the MOSFET gate,
thus quickly turning the switch ON or OFF.
The switching element is an n-channel double-diffused
enhancement-mode MOSFET. DMOS FETs achieve very low
inter-electrode capacitance and high speed, thanks to their
lateral construction. To turn the switch ON, a voltage equal to
V+ is applied to the FET’s gate. This enhances the channel into
conduction.
The source and Drain terminals can stand up to 16 V with
respect to the substrate voltage (V–).
ESD protection diode pairs are connected from each logic
input, source, and drain pin to the V+ and V- power supply rails.
Optimized Characteristics
The DG611 family was designed to optimize the parameters
which are most important in high-speed applications.
Switching Speed
Discrete DMOS FETs such as the SD210 or SD5000 are well
known for their fast switching speeds. In fact, both specify a
td(on) of 1 ns max. The DG611 family combines fast DMOS
switching elements with a low-power CMOS driver. These
devices are so fast that measuring their speed at final test
becomes
a
challenge.
ATE
limitations
(lead
inductances/capacitances, generator’s rise and fall times)
conspire to slow things down. This is why the tON/tOFF
specifications on the data sheet are so loose (35 ns max).
A typical device in a typical application is much faster than the
data-sheet specifications would indicate. A bench test circuit
reduced test fixture parasitics, while a low capacitance (3 pF)
FET probe was used to monitor the output voltage. Figure 3
shows that before the output starts to change there was a
propagation delay through the driver of about 8 ns. Once the
FET starts to turn on, the output voltage rises very fast. The
rise time was approximately 2 ns. Total tON (50% Vin to 90%
Vout) was approximately 12 ns. Similarly at turn-off the
driver’s propagation delay appeared to be about 8 ns, the fall
time was about 5 ns. tOFF (50% VIN to 90% VOUT) was about
7 ns.
Reduced Switching Transients
By adding two dynamic compensation capacitors to the output
driver stage, charge injection glitches have been virtually
eliminated. For comparison purposes, Figure 4 illustrates the
typical charge injection characteristics for two Vishay Siliconix’
high-speed analog switches: DG271 and DG611. Note how
flat the DG611 characteristic is. This guarantees low charge
injection regardless of analog signal voltage.
Charge injection causes switching glitches both at turn-on and
at turn-off times. To evaluate and compare the switching
glitches produced by the DG611, the test circuit of Figure 5
was built. A 4-Vp-p triangular bipolar wave form was fed to the
switch input. On this wave form we wanted to cut some 0-V
notches as commanded by a pulse train. 100-ns pulses were
used to interrupt signal flow twice in every period letting the
output voltage to fall to 0 V.


Similar Part No. - AN207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
   EEPROM Emulation with STR71x
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
   STR7 In-Application Programming using UART
More results

Similar Description - AN207

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
59165 HAMLIN-59165 Datasheet
187Kb / 1P
   59165 Moulded Switch Features and Benefits
logo
AVX Corporation
W3A41C103MAT2A AVX-W3A41C103MAT2A Datasheet
283Kb / 6P
   BENEFITS OF USING CAPACITOR ARRAYS
logo
Calogic, LLC
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
logo
HAMLIN Position and Mov...
59250-1-S-01-A HAMLIN-59250-1-S-01-A Datasheet
89Kb / 1P
   Seating Occupancy Reed Switch Sensor Features and Benefits
59251-1-S-01-A HAMLIN-59251-1-S-01-A Datasheet
89Kb / 1P
   Seating Occupancy Reed Switch Sensor Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
logo
PHOENIX CONTACT
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
   Variety of connection technologies
logo
AVX Corporation
W2A4ZC104MAT2A AVX-W2A4ZC104MAT2A Datasheet
283Kb / 6P
   BENEFITS OF USING CAPACITOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com