Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


FM2G50US60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. FM2G50US60
Description  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 7 page
background image
©2000 Fairchild Semiconductor International
FM2G50US60 Rev. A
0
1020304050
2
10
20
5
Common Cathode
di/dt = 100A/㎲
T
C =
25℃
T
C = 100
I
rr
T
rr
Forward Current, I
F
[A]
Fig 20. Reverse Recovery Characteristics
Fig 19. Forward Characteristics
01
23
4
0
40
80
120
160
Common Cathode
V
GE
= 0V
T
C =
25℃
T
C = 125
Forward Voltage, V
F [V]




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FM2G75US60Molding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FM2G100US60Molding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FMG1G100US60HMolding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FM2G150US60Molding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FMG1G100US60LMolding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FMG2G50US120Molding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FM2G200US60Molding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FMG1G50US60HMolding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FMG1G400US60LMolding Type Module 1 2 3 4 5 MoreFairchild Semiconductor
FM2G300US60Molding Type Module 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl