Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2211RLT1 Datasheet(PDF) 7 Page - E-Tech Electronics LTD

Part # MMUN2211RLT1
Description  Bias Resistor Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MMUN2211RLT1 Datasheet(HTML) 7 Page - E-Tech Electronics LTD

  MMUN2211RLT1 Datasheet HTML 1Page - E-Tech Electronics LTD MMUN2211RLT1 Datasheet HTML 2Page - E-Tech Electronics LTD MMUN2211RLT1 Datasheet HTML 3Page - E-Tech Electronics LTD MMUN2211RLT1 Datasheet HTML 4Page - E-Tech Electronics LTD MMUN2211RLT1 Datasheet HTML 5Page - E-Tech Electronics LTD MMUN2211RLT1 Datasheet HTML 6Page - E-Tech Electronics LTD MMUN2211RLT1 Datasheet HTML 7Page - E-Tech Electronics LTD MMUN2211RLT1 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Q2–7/8
MMUN2211RLT1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2214RLT1
I
C , COLLECTOR CURRENT (mA)
Figure 17. V
CE(sat) versus I C
300
250
200
150
100
50
0
1
2
4
6
8
10
152040
50
60
70
80
90
100
4
3.5
3
2.5
2
1.5
1
0.5
0
1
0.1
0.01
0.001
020
4060
80
100
10
1
01
2
3
4
5
6
7
8
9
10
10
1
0.1
010
20
30
40
50
I
C , COLLECTOR CURRENT (mA)
Figure 18. DC Current Gain
V
R , REVERSE BIAS VOLTAGE (VOLTS)
Figure 19. Output Capacitance
V
in , INPUT VOLTAGE (VOLTS)
Figure 20. Output Current versus Input Voltage
V O = 5 V
I C /I B =10
T A = –25°C
75°C
25°C
V CE= 10V
T A =75°C
–25°C
25°C
f = 1 MHz
l E = 0 V
T A= 25°C
0
2
4
6
8
10
15
20
25
30
35
40
45
50
T A = –25°C
25°C
75°C
25°C
T A = –25°C
75°C
V O = 0.2 V
I
C , COLLECTOR CURRENT (mA)
Figure 21. Input Voltage versus Output Current


Similar Part No. - MMUN2211RLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMUN2211RLT1 LRC-MMUN2211RLT1 Datasheet
294Kb / 8P
   Bias Resistor Transistor
More results

Similar Description - MMUN2211RLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com