Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1010DA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LD1010DA
Description  High Performance N-Channel POWERJFET with PN Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LD1010DA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LD1010DA Datasheet HTML 1Page - List of Unclassifed Manufacturers LD1010DA Datasheet HTML 2Page - List of Unclassifed Manufacturers LD1010DA Datasheet HTML 3Page - List of Unclassifed Manufacturers LD1010DA Datasheet HTML 4Page - List of Unclassifed Manufacturers LD1010DA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Figure 1 – RDSON vs Gate Current at ID – 10A
Figure 2 – Gate Charge for VDS = 0.1V
Figure 3 – Breakdown Voltage Vds vs Id
Figure 4 – Capacitance vs Drain Voltage Vds
0
5
10
15
20
25
30
35
40
45
50
0
5
1 0
1 5
20
25
30
VD S (V )
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.00
0.20
0.40
0.60
0.80
VGS(V)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.00
0.20
0.40
0.60
0.80
VGS(V)
0
1
2
3
4
5
6
7
8
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
IG(A)
0
1
2
3
4
5
6
7
8
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
IG(A)
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
0
5
10
15
20
Qg (nC)
Capacitance vs. Vds, Vgs=-5v; DPAK, 25'C
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
5
10
15
20
25
Vds (volts)
Ciss
Coss
Crss
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-10
-8-6
-4-2
0
VG (V)
V
DS=12V
V
DS=0.1V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-10
-8-6
-4-2
0
VG (V)
V
DS=12V
V
DS=0.1V
Figure 5 – IG vs Gate Voltage VGS
Figure 6 – Transfer Characteristic
Lovoltech, Inc. - 3970 Freedom Circle - Santa Clara, CA 95054 -USA
Tel. 1 408 654 1980 Fax 1 408 654 1988 www.lovoltech.com
LD1010DA
Product Specification
3


Similar Part No. - LD1010DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1010D ETC-LD1010D Datasheet
662Kb / 5P
   High Performance N-Channel POWERJFET with PN Diodes
More results

Similar Description - LD1010DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1014D ETC1-LD1014D Datasheet
600Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1010DA ETC1-LU1010DA Datasheet
562Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1014D ETC1-LU1014D Datasheet
601Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1010D ETC-LD1010D Datasheet
662Kb / 5P
   High Performance N-Channel POWERJFET with PN Diodes
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LD1106S ETC1-LD1106S Datasheet
764Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LU1004D ETC1-LU1004D Datasheet
605Kb / 5P
   High Performance N-Ch Vertical POWERJET with PN Diode
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
Leshan Radio Company
LBSS138V3.3T1G LRC-LBSS138V3.3T1G Datasheet
396Kb / 3P
   Dual Integrated Circuit N-Channel/PN Duals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com