Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6143BASA50 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6143BASA50
Description  High-Precision Voltage Reference with Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6143BASA50 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6143BASA50 Datasheet HTML 7Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 8Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 9Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 10Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 11Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 12Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 13Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 14Page - Maxim Integrated Products MAX6143BASA50 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-Precision Voltage Reference with
Temperature Sensor
______________________________________________________________________________________
11
0.1Hz TO 10Hz OUTPUT NOISE
MAX6143toc28
4µV/div
1s/div
LOAD TRANSIENT
(VOUT = 2.5V, COUT = 0, 0 TO 20mA)
MAX6413toc29
IOUT
VOUT
AC-COUPLED
1V/div
0
20mA
10µs/div
LOAD TRANSIENT
(VOUT = 10V, COUT = 0, 0 TO 20mA)
MAX6413toc30
IOUT
VOUT
AC-COUPLED
1V/div
0
20mA
10µs/div
LOAD TRANSIENT
(VOUT = 2.5V, COUT = 1µF, 0 TO +20mA)
MAX6413toc31
IOUT
VOUT
AC-COUPLED
50mV/div
0
20mA
200µs/div
LOAD TRANSIENT
(VOUT = 10V, COUT = 1µF, 0 TO 20mA)
MAX6413toc32
IOUT
VOUT
AC-COUPLED
100mV/div
0
20mA
100µs/div
LOAD TRANSIENT
(VOUT = 2.5V, COUT = 0, 0 TO -2mA)
MAX6413toc33
IOUT
VOUT
AC-COUPLED
200mV/div
0
-2mA
40µs/div
LOAD TRANSIENT
(VOUT = 10V, COUT = 0, 0 TO -2mA)
MAX6413toc34
IOUT
VOUT
AC-COUPLED
20mV/div
0
-2mA
200µs/div
LOAD TRANSIENT
(VOUT = 2.5V, COUT = 1µF, 0 TO -2mA)
MAX6413toc35
IOUT
VOUT
AC-COUPLED
20mV/div
0
-2mA
400µs/div
LOAD TRANSIENT
(VOUT = 10V, COUT = 1µF, 0 TO -2mA)
MAX6413toc36
IOUT
VOUT
AC-COUPLED
5mV/div
0
-2mA
400µs/div
Typical Operating Characteristics (continued)
(VIN = +5V for VOUT = +2.5V, VIN = +15V for VOUT = +10V, IOUT = 0, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6143BASA50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143BASA50 MAXIM-MAX6143BASA50 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
More results

Similar Description - MAX6143BASA50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com