Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2014-AS Datasheet(PDF) 10 Page - Anachip Corp

Part # AP2014-AS
Description  Synchronous PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2014-AS Datasheet(HTML) 10 Page - Anachip Corp

Back Button AP2014-AS Datasheet HTML 4Page - Anachip Corp AP2014-AS Datasheet HTML 5Page - Anachip Corp AP2014-AS Datasheet HTML 6Page - Anachip Corp AP2014-AS Datasheet HTML 7Page - Anachip Corp AP2014-AS Datasheet HTML 8Page - Anachip Corp AP2014-AS Datasheet HTML 9Page - Anachip Corp AP2014-AS Datasheet HTML 10Page - Anachip Corp AP2014-AS Datasheet HTML 11Page - Anachip Corp AP2014-AS Datasheet HTML 12Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP2014/A
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.2 Nov 29, 2005
10/12
Function Descriptions
Introduction
The AP2014 is a fixed frequency, voltage mode
synchronous controller and consists of a precision
reference voltage, an error amplifier, an internal
oscillator, a PWM comparator, 0.5A peak gate driver,
soft-start
and
shutdown
circuits
(see
Block
Diagram).
The output voltage of the synchronous converter is
set and controlled by the output of the error amplifier;
this is the amplified error signal from the sensed
output voltage and the reference voltage.
This voltage is compared to a fixed frequency linear
sawtooth ramp and generates fixed frequency
pulses of variable duty-cycle, which drives the two
N-channel external MOSFETs.The timing of the IC
is provided through an internal oscillator circuit
which uses on-chip capacitor to set the oscillation
frequency to 200 KHz (400 KHz for “A” version).
Soft-Start
The AP2014 has a programmable soft-start to
control the output voltage rise and limit the current
surge at the start-up. To ensure correct start-up, the
soft-start sequence initiates when the VC and VCC
rise
above
their
threshold
(3.3V
and
4.2V
respectively) and generates the Power On Reset
(POR) signal.
Soft-start function operates by
sourcing an internal current to charge an external
capacitor to about 3V. Initially, the soft-start function
clamps the E/A’s output of the PWM converter. As
the charging voltage of the external capacitor ramps
up, the PWM signals increase from zero to the point
the feedback loop takes control.
Short-Circuit Protection
The outputs are protected against the short circuit.
The AP2014 protects the circuit for shorted output
by sensing the output voltage (through the external
resistor divider). The AP2014 shuts down the PWM
signals, when the output voltage drops below 0.6V
(0.4V for AP2014A).
The
AP2014
also
protects
the
output
from
over-voltaging when the control FET is shorted.
This is done by turning on the sync FET with the
maximum duty cycle.
Under-Voltage Lockout
The under-voltage lockout circuit assures that the
MOSFET driver outputs remain in the off state
whenever the supply voltage drops below set
parameters. Lockout occurs if VC and VCC fall below
3.3V and 4.2V respectively. Normal operation
resumes once VC and VCC rise above the set values.
IC Quiescent Power Dissipation
Power dissipation for IC controller is a function of
applied voltage, gate driver loads and switching
frequency. The IC's maximum power dissipation
occurs when the IC operating with single 12V supply
voltage (Vcc=12V and Vc 24V) at 400KHz switching
frequency and maximum gate loads.
Page 8 show voltage vs. current, when the
gate drivers loaded with 1500pF capacitors. The IC's
power dissipation results to an excessive
temperature rise. This should be considered when
using AP2014A for such application.
Marking Information
(Top View)
SOP-8L/PDIP-8L
AP2014 X
YY WW X
Logo
Part No.
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
5
8
4
1
AP2014 : 200KHz (OSC)
AP2014A : 400KHz (OSC)


Similar Part No. - AP2014-AS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
   SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
AP2014 DIODES-AP2014 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASG-13 DIODES-AP2014ASG-13 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASL-13 DIODES-AP2014ASL-13 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASM DIODES-AP2014ASM Datasheet
405Kb / 13P
   SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
More results

Similar Description - AP2014-AS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com