Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH337K-L Datasheet(PDF) 6 Page - Anachip Corp

Part # AH337K-L
Description  Single Phase Hall Effect Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH337K-L Datasheet(HTML) 6 Page - Anachip Corp

  AH337K-L Datasheet HTML 1Page - Anachip Corp AH337K-L Datasheet HTML 2Page - Anachip Corp AH337K-L Datasheet HTML 3Page - Anachip Corp AH337K-L Datasheet HTML 4Page - Anachip Corp AH337K-L Datasheet HTML 5Page - Anachip Corp AH337K-L Datasheet HTML 6Page - Anachip Corp AH337K-L Datasheet HTML 7Page - Anachip Corp AH337K-L Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AH337
Single Phase Hall Effect Switch
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Mar. 29, 2006
6/8
Package Information (unit: mm)
(1) Package Type: SIP-3L for Bulk Pack
Active Area Depth
Sensor Location
12
3
2.00mm
1.15mm
0.51mm
NOM
BRANDED
SURFACE
Package Dimension
1.57mm
1.47mm
4.17mm
4.04mm
1.82
mm
15.50mm
13.00mm
1
2
3
1.27mm
0.41mm
0.41mm
45º
45º
0.38mm
0.7mm
3.10mm
2.97mm


Similar Part No. - AH337K-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PG-A DIODES-AH337-PG-A Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PG-B DIODES-AH337-PG-B Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PL-A DIODES-AH337-PL-A Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PL-B DIODES-AH337-PL-B Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
More results

Similar Description - AH337K-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
   Single Hall Effect Switch
logo
Diodes Incorporated
ATS137 DIODES-ATS137_10 Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com