Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC04LMQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC04LMQB
Description  Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC04LMQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54AC04LMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC04LMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC04LMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC04LMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC04LMQB Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MILITARY DATA SHEET
MN54AC04-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.5V to +7.0V
DC Input Diode Current (Iik)
-20 mA
Vi = -0.5V
+20 mA
Vi = Vcc +0.5V
DC Input Voltage (Vi)
-0.5V to Vcc +0.5V
DC Output Diode Current (Iok)
-20 mA
Vo = -0.5V
+20 mA
Vo = Vcc +0.5V
DC Output Voltage (Vo)
-0.5V to Vcc +0.5V
DC Output Source or Sink Current (Io)
+50 mA
DC Vcc or Ground Current per Output Pin (Icc or Ignd)
+50 mA
Storage Temperature (Tstg)
-65 C to +150 C
Junction Temperature (Tj)
175 C
CDIP
Note 1:
Absolute maximum ratings are those values beyond which damage to the device may
occur.
The databook specifications should be met, without exception, to ensure that
the system design is reliable over its power supply, temperature, and output/input
loading varibles.
National does not recommend operation of FACT TM circuits outside
databook specifications.
Recommended Operating Conditions
Supply Voltage (Vcc)
2.0V to 6.0V
Input Voltage (Vi)
0V to Vcc
Output Voltage (Vo)
0V to Vcc
Operating Temperature (Ta)
-55 C to +125 C
Minimum Input Edge Rate (Delta V/Delta t)
AC Devices
Vin from 30% to 70% of Vcc
125 mV/ns
Vcc @ 3.0V, 4.5V, 5.5V
3


Similar Part No. - 54AC04LMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC04L NSC-54AC04L Datasheet
114Kb / 6P
   Hex Inverter
More results

Similar Description - 54AC04LMQB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com