Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2408 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA2408
Description  870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2408 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA2408 Datasheet HTML 1Page - ANADIGICS, Inc ACA2408 Datasheet HTML 2Page - ANADIGICS, Inc ACA2408 Datasheet HTML 3Page - ANADIGICS, Inc ACA2408 Datasheet HTML 4Page - ANADIGICS, Inc ACA2408 Datasheet HTML 5Page - ANADIGICS, Inc ACA2408 Datasheet HTML 6Page - ANADIGICS, Inc ACA2408 Datasheet HTML 7Page - ANADIGICS, Inc ACA2408 Datasheet HTML 8Page - ANADIGICS, Inc ACA2408 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ACA2408
PRELIMINARY DATA SHEET - Rev 1.0
07/2003
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
Gd
n
u
o
r
G6
1D
N
Gd
n
u
o
r
G
2A
2 N
I
t
u
p
n
I
A
2
r
e
i
f
il
p
m
A5
1A
1
T
U
O
t
u
p
t
u
O
A
1
r
e
i
f
il
p
m
A
3D
N
Gd
n
u
o
r
G4
1A
1
s
a
i
Br
e
i
f
il
p
m
A
A
1
r
o
f
s
a
i
B
4A
1 N
I
t
u
p
n
I
A
1
r
e
i
f
il
p
m
A3
1A
2
T
U
O
d
n
a
t
u
p
t
u
O
A
2
r
e
i
f
il
p
m
A
y
l
p
p
u
S
5B
1 N
I
t
u
p
n
I
B
1
r
e
i
f
il
p
m
A2
1B
2
T
U
O
d
n
a
t
u
p
t
u
O
B
2
r
e
i
f
il
p
m
A
y
l
p
p
u
S
6I T
E
S
t
s
u
j
d
A
t
n
e
r
r
u
C1
1B
1
s
a
i
Br
e
i
f
il
p
m
A
B
1
r
o
f
s
a
i
B
7B
2 N
I
t
u
p
n
I
B
2
r
e
i
f
il
p
m
A0
1B
1
T
U
O
t
u
p
t
u
O
B
1
r
e
i
f
il
p
m
A
8D
N
Gd
n
u
o
r
G9
D
N
Gd
n
u
o
r
G
Table 1: Pin Description
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
GND
ISET
2A IN
GND
2B IN
1BIN
1A IN
GND
GND
1BOUT
2B OUT
2A OUT
1A OUT
Bias 1A
Bias 1B
Figure 2: Pin Out


Similar Part No. - ACA2408

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2401S7P0 ANADIGICS-ACA2401S7P0 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7TR ANADIGICS-ACA2401S7TR Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
More results

Similar Description - ACA2408

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com