Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS3604 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # APS3604
Description  Active Splitter for CATV Set-Top Boxes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

APS3604 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  APS3604 Datasheet HTML 1Page - ANADIGICS, Inc APS3604 Datasheet HTML 2Page - ANADIGICS, Inc APS3604 Datasheet HTML 3Page - ANADIGICS, Inc APS3604 Datasheet HTML 4Page - ANADIGICS, Inc APS3604 Datasheet HTML 5Page - ANADIGICS, Inc APS3604 Datasheet HTML 6Page - ANADIGICS, Inc APS3604 Datasheet HTML 7Page - ANADIGICS, Inc APS3604 Datasheet HTML 8Page - ANADIGICS, Inc APS3604 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
11/2004
APS3604
Active Splitter for CATV Set-Top Boxes
PRELIMINARY DATA SHEET - Rev 1.0
S29 Package
28 Pin QFN
5 mm x 5 mm x 1 mm
FEATURES
Single Input, Triple Output Design
- Three Video Tuner Outputs
Wideband Operation: To Above 1 GHz
5 dB Typical Noise Figure at 5 dB Gain
Wide Dynamic Range AGC Control,
Independent for each Tuner Path
High Linearity, Low Distortion
Single +5 V Supply
Balanced 75 Ohm Inputs/Outputs
RoHS Compliant/Lead Free
APPLICATIONS
CATV Set-Top Boxes with Multiple Tuners
PRODUCT DESCRIPTION
This active splitter from ANADIGICS accepts a
balanced RF input in the 50 MHz to 1.1 GHz frequency
range and provides three balanced RF outputs with
minimal degradation in signal quality. The single-
package surface mount device amplifies the input
signals using highly linear, low noise amplification
stages, and couples the amplified signal to three
separate output paths to drive video tuner inputs.
Each of the output paths includes independent
Automatic Gain Control (AGC). The overall linearity
Figure 1: Functional Block Diagram
of each tuner path is maintained across a wide AGC
range, ensuring low distortion effects on each output
signal.
Requiring only a single +5 Volt supply, the active
splitter design is implemented using the
ANADIGICS GaAs MESFET process. The surface
mount packaging makes the device ideal for use in
today’s multiple-tuner set-top boxes for Cable TV.
VID1OUT-
VID1OUT+
VID2OUT-
VID2OUT+
VID3OUT-
VID3OUT+
RFIN-
RFIN+
AGC VID1 AGCVID2 AGCVID3


Similar Part No. - APS3604

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
APS3605RS26Q1 ANADIGICS-APS3605RS26Q1 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
More results

Similar Description - APS3604

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
   Multi Tuner Set-Top Boxes
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
   Multi Tuner Set-Top Boxes
logo
SIRENZA MICRODEVICES
CGA-0116 SIRENZA-CGA-0116 Datasheet
167Kb / 8P
   3-Output Active Splitter for CATV
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com