Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS3604RS29P8 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # APS3604RS29P8
Description  Active Splitter for CATV Set-Top Boxes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

APS3604RS29P8 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  APS3604RS29P8 Datasheet HTML 1Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 2Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 3Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 4Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 5Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 6Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 7Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 8Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
11/2004
APS3604
VCC
AGCVID1
RFIN+
1
VID2OUT-
GND
6
5
4
3
2
7
28
22
23
24
25
26
27
8
14
13
12
11
10
9
21
16
17
18
19
20
15
RFIN-
GND
GND
VID2OUT+
GND
GND
GND
VID1OUT-
VID1OUT+
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1V C
C
e
g
a
tl
o
V
y
l
p
p
u
S8
2D
N
Gd
n
u
o
r
G
2D
N
Gd
n
u
o
r
G7
2D
N
Gd
n
u
o
r
G
3F
R +
N
I
)
+
(
t
u
p
n
I
F
R6
2D
N
Gd
n
u
o
r
G
4D
N
Gd
n
u
o
r
G5
2D
N
Gd
n
u
o
r
G
5F
R -
N
I
)
-
(
t
u
p
n
I
F
R4
2D
N
Gd
n
u
o
r
G
6D
N
Gd
n
u
o
r
G3
2D
N
Gd
n
u
o
r
G
7C
G
A
1
D
I
V
t
u
p
n
I
l
o
r
t
n
o
C
C
G
A
1
o
e
d
i
V2
2D
N
Gd
n
u
o
r
G
8C
G
A
2
D
I
V
t
u
p
n
I
l
o
r
t
n
o
C
C
G
A
2
o
e
d
i
V1
21
D
I
V
+
T
U
O
)
+
(
t
u
p
t
u
O
1
o
e
d
i
V
9C
G
A
3
D
I
V
t
u
p
n
I
l
o
r
t
n
o
C
C
G
A
3
o
e
d
i
V0
2D
N
Gd
n
u
o
r
G
0
1D
N
Gd
n
u
o
r
G9
11
D
I
V
-
T
U
O
)
-
(
t
u
p
t
u
O
1
o
e
d
i
V
1
13
D
I
V
+
T
U
O
)
+
(
t
u
p
t
u
O
h
t
a
P
a
t
a
D8
1D
N
Gd
n
u
o
r
G
2
1D
N
Gd
n
u
o
r
G7
12
D
I
V
+
T
U
O
)
+
(
t
u
p
t
u
O
2
o
e
d
i
V
3
13
D
I
V
-
T
U
O
)
-
(
t
u
p
t
u
O
h
t
a
P
a
t
a
D6
1D
N
Gd
n
u
o
r
G
4
1D
N
Gd
n
u
o
r
G5
12
D
I
V
-
T
U
O
)
-
(
t
u
p
t
u
O
2
o
e
d
i
V
Table 1: Pin Description
Figure 2: Pinout (X-ray Top View)


Similar Part No. - APS3604RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
APS3605RS26Q1 ANADIGICS-APS3605RS26Q1 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
More results

Similar Description - APS3604RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
   Multi Tuner Set-Top Boxes
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
   Multi Tuner Set-Top Boxes
logo
SIRENZA MICRODEVICES
CGA-0116 SIRENZA-CGA-0116 Datasheet
167Kb / 8P
   3-Output Active Splitter for CATV
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com