Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2000S12P1 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # ARA2000S12P1
Description  Address-Programmable Reverse Amplifier with Step Attenuator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000S12P1 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button ARA2000S12P1 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 9Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 10Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 11Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 12Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 13Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 14Page - ANADIGICS, Inc ARA2000S12P1 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet - Rev 2.2
06/2004
11
ARA2000
Figure 14: Harmonic Performance over
Frequency
POUT = +62dBmV
Figure 15: IIP2 & IIP3 vs Frequency
Figure 16: IIP2 & IIP3 vs VDD
20
24
28
32
36
40
5
1525
3545
5565
7585
95
Frequency (MHz)
4
6
8
10
12
14
IIP2
IIP3
Measured @ V DD = 5 Volts
Pin = -20 dBm per tone
20
24
28
32
36
40
34
5
6
7
VDD (Volts)
-5
-1
3
7
11
15
IIP2
IIP3
Measured @ 65 MHz
Two tones @ 29.5 MHz
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
0
5
10
15
20
25
30
35
40
Frequency (MHz)
2nd Harmonic
3rd Harmonic


Similar Part No. - ARA2000S12P1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
More results

Similar Description - ARA2000S12P1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000 ANADIGICS-ARA2000_11 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA2004 SKYWORKS-ARA2004 Datasheet
655Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA2004 ANADIGICS-ARA2004_11 Datasheet
897Kb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com