Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-75V04ANC Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-75V04ANC
Description  INVERTER fabricated by utilizing advanced
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V04ANC Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-75V04ANC Datasheet HTML 1Page - Seiko Instruments Inc S-75V04ANC Datasheet HTML 2Page - Seiko Instruments Inc S-75V04ANC Datasheet HTML 3Page - Seiko Instruments Inc S-75V04ANC Datasheet HTML 4Page - Seiko Instruments Inc S-75V04ANC Datasheet HTML 5Page - Seiko Instruments Inc S-75V04ANC Datasheet HTML 6Page - Seiko Instruments Inc S-75V04ANC Datasheet HTML 7Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Miniaturized Logic IC Family
S-75V04ANC
2
Seiko Instruments Inc.
n Physical Dimensions (Unit:mm)
n Ordering
Delivery form:
Taping only
Model name:
S-75V04ANC-5V5-T2
n Absolute Maximum Ratings
SC-88A
Item
Symbol
Conditions
Ratings
Unit
Power Supply Voltage
VCC
-0.5 to +7.0
V
Input Voltage
VIN
-0.5 to+7.0
V
Output Voltage
VOUT
-0.5 to VCC+0.5
V
Input Parasitic Diode
Current
IIK
-20
mA
Output Parasitic Diode
Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC/GND Current
ICC
±50
mA
Power Dissipation
PD
200
mW
Storage Temp. Range
Tstg
-65 to +150
°C
Lead Temperature
(10 sec.)
TL
260
°C
0.9±0.1
3
0.2 +0.1
−0.05
2.0 ( 2.2 max.)
1.25
2.1±0.1
1.3±0.1
1
4
5
0.0 to 0.1
0.15
0.15
+0.1
−0.05
0.65
2
Ta =25
°C


Similar Part No. - S-75V04ANC

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-75V04ANC SII-S-75V04ANC Datasheet
634Kb / 68P
   MINI LOGIC SERIES 2 INPUT NAND GATE
More results

Similar Description - S-75V04ANC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
   advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Vishay Siliconix
VLWW960 VISHAY-VLWW960 Datasheet
251Kb / 9P
   Utilizing InGaN technology
Rev. 1.1, 05-Mar-08
TLCY610 VISHAY-TLCY610 Datasheet
187Kb / 7P
   Utilizing ultrabright AllnGaP
Rev. 1.3, 16-Mar-15
logo
SHENZHEN REFOND OPTOELE...
RF-A1E30-WYSH-C5 REFOND-RF-A1E30-WYSH-C5 Datasheet
1Mb / 22P
   The White LED, which was fabricated by using a blue chip and the phosphor.
logo
Hamamatsu Corporation
P2532-01 HAMAMATSU-P2532-01_15 Datasheet
124Kb / 4P
   Infrared detectors utilizing photoconductive effects
logo
Linear Technology
LT1089 LINER-LT1089 Datasheet
92Kb / 8P
   High Side Switch Utilizing Bipolar Technology
logo
SHENZHEN REFOND OPTOELE...
RF-A1E30-W5SE-A9 REFOND-RF-A1E30-W5SE-A9 Datasheet
1Mb / 22P
   The White LED, which was fabricated by using a blue chip and the phosphor.
RF-BW0402DS-DD-B REFOND-RF-BW0402DS-DD-B Datasheet
1Mb / 22P
   The White LED which was fabricated by using a blue chip and the phosphor.
RF-WU0402DS-DD-B REFOND-RF-WU0402DS-DD-B Datasheet
1Mb / 22P
   The White LED which was fabricated by using a blue chip and the phosphor.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com