Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2005 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ARA2005
Description  Reverse Amplifier with Step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2005 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ARA2005 Datasheet HTML 3Page - ANADIGICS, Inc ARA2005 Datasheet HTML 4Page - ANADIGICS, Inc ARA2005 Datasheet HTML 5Page - ANADIGICS, Inc ARA2005 Datasheet HTML 6Page - ANADIGICS, Inc ARA2005 Datasheet HTML 7Page - ANADIGICS, Inc ARA2005 Datasheet HTML 8Page - ANADIGICS, Inc ARA2005 Datasheet HTML 9Page - ANADIGICS, Inc ARA2005 Datasheet HTML 10Page - ANADIGICS, Inc ARA2005 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
227
16
15
1
14
22
24
25
23
21
20
19
18
17
28
26
9
8
7
10
6
11
5
12
4
13
3
GND
I
SET1
Vg1
A1
IN (+)
A1
OUT (+)
ATT
IN (+)
V
ATTN
GND
32 dB
16 dB
8 dB
A2
OUT (-)
I
SET2
A2
IN (-)
Vg2
ATT
OUT (-)
A2
IN (+)
A2
OUT (+)
GND
4 dB
GND
A1
IN (-)
A1
OUT (-)
ATT
IN (-)
ATT
OUT (+)
GND
GND
GND
(75 Ohms)
470pF
470pF
1K Ohms
470pF
2K Ohms
Turns
Ratio
2:1
1500pF
RF Output
(75 Ohms)
0 / +3 V
Control A2
+5 V
1uF
0.1uF
3.9 Ohms
+5 V
1000pF
1000pF
1.2K Ohms
Turns
Ratio
1:2
RF Input
0 / +3 V
Control A1
+5 V
1.2K Ohms
1000pF
1000pF
1uF
0.1uF
1K Ohms
470pF
2K Ohms
ARA2005
10uH
1uF
0.1uF
Note:
Tx Enable: Control A1 and Control A2 = +3V
Tx Disable: Control A1 and Control A2 = 0V
Toko Balun
616PT-1030
2K Ohms
2K Ohms
10uH


Similar Part No. - ARA2005

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000 ANADIGICS-ARA2000 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000 ANADIGICS-ARA2000 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
More results

Similar Description - ARA2005

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
   Telephony Reverse Amplifier With Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com