Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-75V04ANC-5V5-T2 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-75V04ANC-5V5-T2
Description  INVERTER fabricated by utilizing advanced
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V04ANC-5V5-T2 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-75V04ANC-5V5-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-75V04ANC-5V5-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-75V04ANC-5V5-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-75V04ANC-5V5-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-75V04ANC-5V5-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-75V04ANC-5V5-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-75V04ANC-5V5-T2 Datasheet HTML 7Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Miniaturized Logic IC Family
S-75V04ANC
4
Seiko Instruments Inc.
n
AC Characteristics
Note
1
CPD is the no-load equivalent capacitance inside the circuitry. Refer to the measurement circuit shown below.
Current consumption is averaged by the following equation.
ICC(opr)= CPD ⋅ VCC ⋅ fin+ICC
n Input Pin Equivalent Circuit
Parameter
Sym.
Measurement Conditions
Ta=25
°C
Unit
MIN.
TYP.
MAX.
MIN.
Input pin
MAX.
Ta=-40 to 85
°C
tpLH
tpHL
5.0
7.1
1.0
8.5
9.6
13.5
1.0
14.5
3.8
5.5
1.0
6.5
nS
CL(pF)
15
50
Equiv. Int. Capacitance
Input Capacitance
CIN
Note
1
pF
4
13
pF
CPD
10
10
Output Rise/Fall Time
Input
tr = tf = 3 ns (unless otherwise specified)
VCC(V)
3.3±0.3
15
50
5.0±0.5
5.7
8.0
1.0
9.0
VIN
tpLH
50%
50%
10%
90%
tpHL
3ns
CL
50
VOUT
PG
VIN
VOUT
3ns
GND
VCC
VOL
VOH
Measurement Circuit
Remark: No-load output during measurement of current consumption.
50%


Similar Part No. - S-75V04ANC-5V5-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-75V04ANC SII-S-75V04ANC Datasheet
634Kb / 68P
   MINI LOGIC SERIES 2 INPUT NAND GATE
More results

Similar Description - S-75V04ANC-5V5-T2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
   advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Vishay Siliconix
VLWW960 VISHAY-VLWW960 Datasheet
251Kb / 9P
   Utilizing InGaN technology
Rev. 1.1, 05-Mar-08
TLCY610 VISHAY-TLCY610 Datasheet
187Kb / 7P
   Utilizing ultrabright AllnGaP
Rev. 1.3, 16-Mar-15
logo
SHENZHEN REFOND OPTOELE...
RF-A1E30-WYSH-C5 REFOND-RF-A1E30-WYSH-C5 Datasheet
1Mb / 22P
   The White LED, which was fabricated by using a blue chip and the phosphor.
logo
Hamamatsu Corporation
P2532-01 HAMAMATSU-P2532-01_15 Datasheet
124Kb / 4P
   Infrared detectors utilizing photoconductive effects
logo
Linear Technology
LT1089 LINER-LT1089 Datasheet
92Kb / 8P
   High Side Switch Utilizing Bipolar Technology
logo
SHENZHEN REFOND OPTOELE...
RF-A1E30-W5SE-A9 REFOND-RF-A1E30-W5SE-A9 Datasheet
1Mb / 22P
   The White LED, which was fabricated by using a blue chip and the phosphor.
RF-BW0402DS-DD-B REFOND-RF-BW0402DS-DD-B Datasheet
1Mb / 22P
   The White LED which was fabricated by using a blue chip and the phosphor.
RF-WU0402DS-DD-B REFOND-RF-WU0402DS-DD-B Datasheet
1Mb / 22P
   The White LED which was fabricated by using a blue chip and the phosphor.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com