Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA05050 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ARA05050
Description  Reverse Amplifier with Step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA05050 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ARA05050 Datasheet HTML 1Page - ANADIGICS, Inc ARA05050 Datasheet HTML 2Page - ANADIGICS, Inc ARA05050 Datasheet HTML 3Page - ANADIGICS, Inc ARA05050 Datasheet HTML 4Page - ANADIGICS, Inc ARA05050 Datasheet HTML 5Page - ANADIGICS, Inc ARA05050 Datasheet HTML 6Page - ANADIGICS, Inc ARA05050 Datasheet HTML 7Page - ANADIGICS, Inc ARA05050 Datasheet HTML 8Page - ANADIGICS, Inc ARA05050 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Data Sheet - Rev 2.2
05/2005
ARA05050
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V
:
y
l
p
p
u
S
g
o
l
a
n
A
SUP
)
8
1
,
2
1
,
4
s
n
i
p
(0
9
C
D
V
)
9
1
,
5
s
n
i
p
(
s
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
r
e
if
il
p
m
A5
.
2
-
VSUP
2
C
D
V
F
R
s
t
u
p
n
I
r
e
if
il
p
m
A
t
a
r
e
w
o
P
s
n
i
p
(
4
2
,
0
1
)
-0
6
+V
m
B
d
)
6
1
,
5
1
,
4
1
,
3
1
s
n
i
p
(
s
l
o
r
t
n
o
C
r
o
t
a
u
n
e
tt
A0
6
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
0
2
+
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2
o
C
e
m
i
T
g
n
ir
e
d
l
o
S-
5
c
e
S
Table 2: Absolute Minimum and Maximum Ratings
Table 3: Operating Ranges
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
V
:
y
l
p
p
u
S
r
e
if
il
p
m
A
DD
)
8
1
,
4
s
n
i
p
(5
.
45
7
C
D
V
V
:
y
l
p
p
u
S
r
o
t
a
u
n
e
tt
A
ATTN
)
2
1
n
i
p
(VDD
5
.
0
-5
7
C
D
V
)
6
1
,
5
1
,
4
1
,
3
1
s
n
i
p
(
s
l
o
r
t
n
o
C
r
o
t
a
u
n
e
tt
A0
-
5
.
5V
)
9
1
,
5
s
n
i
p
(
s
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
r
e
if
il
p
m
A-
5
7
.
1-
C
D
V
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C0
4
-5
25
8
o
C
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure to
absolute ratings for extended periods of time may adversely affect reliability.
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical specifications.
Notes:
1. Pins 3 and 26 should be AC-coupled. No external DC bias should be applied.
2. Pins 10, 11, 24 and 25 should be grounded or pulled to ground through a resistor.
No external DC bias should be applied.
3. Pins 6, 7, 8, 9, 20, 21, 22 and 23 should be AC-grounded. No external DC bias
should be applied.


Similar Part No. - ARA05050

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050RS12P1 ANADIGICS-ARA05050RS12P1 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050RS12P1 SKYWORKS-ARA05050RS12P1 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
More results

Similar Description - ARA05050

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
   Telephony Reverse Amplifier With Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com