Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRFS-P2023-007 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # PRFS-P2023-007
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PRFS-P2023-007 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  PRFS-P2023-007 Datasheet HTML 1Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 2Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 3Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 4Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 5Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 6Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 7Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 8Page - ANADIGICS, Inc PRFS-P2023-007 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet - Rev 2.3
04/2005
RFS P2023
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation
is not implied under these conditions. Exposure to absolute ratings for extended periods of
time may adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is
guaranteed only over the conditions defined in the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
V
(
y
l
p
p
u
S
r
e
w
o
P
C
D
1
C
C
V
,
2
C
C
V
,
3
C
C
)0
.
4V
V
(
l
e
v
e
L
l
o
rt
n
o
C
r
e
w
o
P
1
C
P
V
,
3
/
2
C
P
)0
.
4V
s
e
ir
e
s
o
t
d
e
il
p
p
A
V
o
t
l
a
n
r
e
t
x
e
s
r
o
t
s
i
s
e
r
C
P
l
a
n
g
i
s
F
R
o
N
.
s
n
i
p
.
d
e
il
p
p
a
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
C
D0
0
4A
m
F
R
(
l
e
v
e
L
t
u
p
n
I
F
R
N
I
)5
-m
B
d
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O0
5
8
+C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
5
1
+C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O0
0
4
2-
0
0
5
2
z
H
M
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
1
C
C
V
,
2
C
C
V
,
3
C
C
)0
.
33
.
36
.
3V
e
g
a
t
l
o
V
l
o
r
t
n
o
C
r
e
w
o
P
V
(
,
1
C
P
V
3
/
2
C
P
)
-
0
3
.
3
-
-
5
.
0
V
V
A
P
N
O
s
e
i
r
e
s
o
t
d
e
il
p
p
A
.
V
o
t
l
a
n
r
e
t
x
e
s
r
o
t
s
i
s
e
r
C
P
.
s
n
i
p
A
P
N
W
O
D
T
U
H
S
o
t
d
e
il
p
p
A
.
o
t
l
a
n
r
e
t
x
e
s
r
o
t
s
i
s
e
r
s
e
i
r
e
s
V C
P
.
s
n
i
p


Similar Part No. - PRFS-P2023-007

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PRFS-P2020-005 ANADIGICS-PRFS-P2020-005 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-006 ANADIGICS-PRFS-P2020-006 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-007 ANADIGICS-PRFS-P2020-007 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-008 ANADIGICS-PRFS-P2020-008 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-009 ANADIGICS-PRFS-P2020-009 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results

Similar Description - PRFS-P2023-007

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com