Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2069JI-TU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2069JI-TU
Description  Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2069JI-TU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2069JI-TU Datasheet HTML 1Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 2Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 3Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 4Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA2069JI-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2005
APA2069
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
Features
Low Operating Current with 9mA
Improved Depop Circuitry to Eliminate Turn-on
and Turn-off Transients in Outputs
High PSRR
32 Steps Volume Adjustable by DC Voltage
with Hysteresis
2.6W per Channel Output Power into 4
Ω Load
at 5V,BTL Mode
Two Output Modes Allowable with BTL and SE
Modes Selected by SE/BTL pin
Low Current Consumption in Shutdown Mode
(1
µA)
Short Circuit Protection
Thermal shutdown protection and over current
protection circuitry
Power DIP-16 Package
Lead Free Available (RoHS Compliant)
Applications
General Description
APA2069 is a monolithic integrated circuit, which
provides precise DC volume control, and a stereo
bridged audio power amplifiers capable of producing
2.6W (1.8W) into 4
Ω withlessthan 10%(1.0%)THD+N.
The attenuator range of the volume control in APA2069
is from 20dB (DC_Vol=0V) to -80dB (DC_Vol=3.54V)
with 32 steps. The advantage of internal gain setting
can be less components and PCB area. Both of the
depop circuitry and the thermal shutdown protection
circuitry are integrated in APA2069, that reduce pops
and clicks noise during power up or shutdown mode
operation. It also improves the power off pop noise
and protects the chip from being destroyed by over
temperature and short current failure. To simplify the
audio system design, APA2069 combines a stereo
bridge-tied loads (BTL) mode for speaker drive and a
stereo single-end (SE) mode for headphone drive into
a single chip, where both modes are easily switched
by the SE/BTL input control pin signal.
NoteBook PC
LCD Monitor or TV


Similar Part No. - APA2069JI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2069JI-TUG ANPEC-APA2069JI-TUG Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069JI-TUL ANPEC-APA2069JI-TUL Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2069JI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com